công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF3704ZPBF bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện IRF3704ZPBF
Giải thích chi tiết về linh kiện  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRF3704ZPBF bảng dữ liệu(HTML) 1 Page - International Rectifier

  IRF3704ZPBF_15 Datasheet HTML 1Page - International Rectifier IRF3704ZPBF_15 Datasheet HTML 2Page - International Rectifier IRF3704ZPBF_15 Datasheet HTML 3Page - International Rectifier IRF3704ZPBF_15 Datasheet HTML 4Page - International Rectifier IRF3704ZPBF_15 Datasheet HTML 5Page - International Rectifier IRF3704ZPBF_15 Datasheet HTML 6Page - International Rectifier IRF3704ZPBF_15 Datasheet HTML 7Page - International Rectifier IRF3704ZPBF_15 Datasheet HTML 8Page - International Rectifier IRF3704ZPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.irf.com
1
6/29/04
IRF3704ZPbF
IRF3704ZSPbF
IRF3704ZLPbF
HEXFET® Power MOSFET
Notes
 through ‡ are on page 12
Applications
Benefits
l Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l Lead-Free
PD - 95463
D2Pak
IRF3704ZS
TO-220AB
IRF3704Z
TO-262
IRF3704ZL
VDSS RDS(on) max Qg
20V
7.9m:
8.7nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TC = 100°C Maximum Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
f
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
i
–––
2.65
°C/W
RθCS
Case-to-Sink, Flat Greased Surface
f
0.50
–––
RθJA
Junction-to-Ambient
fiÃ
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
gi
–––
40
10 lbf
yin (1.1Nym)
300 (1.6mm from case)
-55 to + 175
57
0.38
28
Max.
67
h
47
h
260
± 20
20


Số phần tương tự - IRF3704ZPBF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
More results

Mô tả tương tự - IRF3704ZPBF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com