công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF3704ZCSPBF bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRF3704ZCSPBF
Giải thích chi tiết về linh kiện  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRF3704ZCSPBF bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRF3704ZCSPBF Datasheet HTML 1Page - International Rectifier IRF3704ZCSPBF Datasheet HTML 2Page - International Rectifier IRF3704ZCSPBF Datasheet HTML 3Page - International Rectifier IRF3704ZCSPBF Datasheet HTML 4Page - International Rectifier IRF3704ZCSPBF Datasheet HTML 5Page - International Rectifier IRF3704ZCSPBF Datasheet HTML 6Page - International Rectifier IRF3704ZCSPBF Datasheet HTML 7Page - International Rectifier IRF3704ZCSPBF Datasheet HTML 8Page - International Rectifier IRF3704ZCSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRF3704ZCS/LPbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.014
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.3
7.9
m
–––
8.9
11.1
VGS(th)
Gate Threshold Voltage
1.65
2.1
2.55
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.6
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
48
–––
–––
S
Qg
Total Gate Charge
–––
8.7
13
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.9
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
2.3
–––
Qgodr
Gate Charge Overdrive
–––
2.4
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.4
–––
Qoss
Output Charge
–––
5.6
–––
nC
td(on)
Turn-On Delay Time
–––
8.9
–––
tr
Rise Time
–––
38
–––
td(off)
Turn-Off Delay Time
–––
11
–––
ns
tf
Fall Time
–––
4.2
–––
Ciss
Input Capacitance
–––
1220
–––
Coss
Output Capacitance
–––
390
–––
pF
Crss
Reverse Transfer Capacitance
–––
190
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
67
g
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
260
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
11
17
ns
Qrr
Reverse Recovery Charge
–––
2.3
3.5
nC
MOSFET symbol
VGS = 4.5V, ID = 17A
e
–––
VGS = 4.5V
Typ.
–––
–––
ID = 17A
VGS = 0V
VDS = 10V
TJ = 25°C, IF = 17A, VDD = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 17A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 250µA
VDS = 16V, VGS = 0V
VDS = 16V, VGS = 0V, TJ = 125°C
Clamped Inductive Load
VDS = 10V, ID = 17A
VDS = 10V, VGS = 0V
VDD = 10V, VGS = 4.5V
e
ID = 17A
VDS = 10V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 21A
e
VGS = 20V
VGS = -20V
Conditions
5.7
Max.
36
17
ƒ = 1.0MHz


Số phần tương tự - IRF3704ZCSPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF3704ZCSPBF IRF-IRF3704ZCSPBF Datasheet
348Kb / 11P
   HEXFET Power MOSFET
More results

Mô tả tương tự - IRF3704ZCSPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com