công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU26156RFS bảng dữ liệu(PDF) 3 Page - Rohm

tên linh kiện BU26156RFS
Giải thích chi tiết về linh kiện  Monoraul MIC Input with ALC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU26156RFS bảng dữ liệu(HTML) 3 Page - Rohm

  BU26156RFS Datasheet HTML 1Page - Rohm BU26156RFS Datasheet HTML 2Page - Rohm BU26156RFS Datasheet HTML 3Page - Rohm BU26156RFS Datasheet HTML 4Page - Rohm BU26156RFS Datasheet HTML 5Page - Rohm BU26156RFS Datasheet HTML 6Page - Rohm BU26156RFS Datasheet HTML 7Page - Rohm BU26156RFS Datasheet HTML 8Page - Rohm BU26156RFS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
Datasheet
Datasheet
3/92
BU26156RFS
TSZ02201-0V1V0E502570-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
Jul.1.2014 Rev.001
www.rohm.co.jp
TSZ22111・15・001
SAD Pin=IOVDD : ”0011011”
24
CSB
/SCL
I
IOVDD
3 wire interface : chip select input pin
It is indicated as CSB on the description of
AC characteristics.
2 wire interface : Serial clock input pin
(Note1)
It is indicated as SCL on the description of
AC characteristics.
(input)
-
30
LRCLK
IO
IOVDD
SAI LR clock input/output pin
(input)
DGND
31
BCLK
IO
IOVDD
SAI bit clock input/output pin
(input)
DGND
29
SDIN
I
IOVDD
SAI serial data input pin
(input)
DGND
28
SDOUT
O
IOVDD
SAI serial data output pin
DGND
Open
32
MCLKI
I
IOVDD
Master Clock pin
(input)
DGND
26
IRQB
O
IOVDD
Interrupt output Pin
IOVDD
Open
38
LIN1L
I
REGOUT
Line analog input Lch pin 1
(input)
Open,
or coupling
capacitor
connected to
AGND near by
BU26156
39
LIN1R
I
REGOUT
Line analog input Rch pin 1
(input)
40
LIN2L
I
REGOUT
Line analog input Lch pin 2
(input)
41
LIN2R
I
REGOUT
Line analog input Rch pin 2
(input)
42
LIN3L
I
REGOUT
Line analog input Lch pin 3
(input)
43
LIN3R
I
REGOUT
Line analog input Rch pin 3
(input)
35
MINP
I
REGOUT
Analog microphone + input
(input)
34
MINM
I
REGOUT
Analog microphone - input
(input)
15
BEEPIN
I
REGOUT
Line input pin.
The input signal for this pin can output
Headphone output pins or Speaker output
pins.
(input)
16
MICBIASREF
O
HVDD1
External filter pin for microphone bias.
A
capacitor
is
connected
between
MICBIASREF and AGND.
ANGD
Open
1
MICBIAS
O
HVDD1
Microphone bias voltage output pin
A
capacitor
is
connected
between
MICBIASCAP and AGND.
AGND
Open
37
VMID
O
REGOUT
Analog reference voltage pin
A capacitor is connected between VMID
and AGND.
AGND
-
20
REGOUT
O
HVDD1
Regulator output pin
A
capacitor
is
connected
between
REGOUT and HGND1.
Please put in the chip close as much as
possible.
AGND
-
8
SPLP
O
SPLVDD
speaker Lch output + pin
SPLGND
Open
7
SPLM
O
SPLVDD
speaker Lch output - pin
SPLGND
Open
11
SPRP
O
SPRVDD
speaker Rch output + pin
SPRGND
Open
12
SPRM
O
SPRVDD
speaker Rch output - pin
SPRGND
Open
14
SPMUTE
I
IOVDD
Test control pin “L” level : Release MUTE
“H” level : MUTE
DGND
Open
1
HPOUTL
O
HPVDD
Headphone Lch output pin
HPGND
Open
2
HPOUTR
O
HPVDD
Headphone Rch output pin
HPGND
Open
32
LOUTCAP
O
HVDD1
Headphone Output capacitance pin
AGND
Open
33
PLLC
O
REGOUT
PLL filter pin
The width of the clock frequency to input
can be expanded.
AGND
Open
27
IOVDD
P
-
Interface Power Supply pin
A capacitor is connected between IOVDD
and HGND1.
-
-
6
SPLVDD
P
-
Speaker Lch Power Supply pin
It is used on the same voltage as SPRVDD.
A capacitor is connected between SPLVDD
and SPLGND.
-
-
9
SPLGND
P
-
Speaker Lch ground pin
-
-
13
SPRVDD
P
-
Speaker Rch Power Supply pin
It is used on the same voltage as SPLVDD.
A capacitor is connected between SPRVDD
and SPRGND.
-
-
10
SPRGND
P
-
Speaker Rch ground pin
-
-
18
HVDD1
P
-
High voltage power supply 1 pin
A capacitor is connected between HVDD1
and HGND1.
-
-
19, 36
AGND
P
-
Analog ground pin
-
-
21
DGND
P
Digital ground pin


Số phần tương tự - BU26156RFS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2615 ROHM-BU2615 Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV-E2 ROHM-BU26154MUV-E2 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
More results

Mô tả tương tự - BU26156RFS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com