công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMB1N-810D-02 bảng dữ liệu(PDF) 4 Page - Roithner LaserTechnik GmbH |
|
SMB1N-810D-02 bảng dữ liệu(HTML) 4 Page - Roithner LaserTechnik GmbH |
4 / 4 page www.roithner-laser.com 4 Precautions Soldering: • Do avoid overheating of the LED • Do avoid electrostatic discharge (ESD) • Do avoid mechanical stress, shock, and vibration • Do only use non-corrosive flux • Do not apply current to the LED until it has cooled down to room temperature after soldering Recommended soldering conditions: This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered, its reliability cannot be guarantee. Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation, caused by heat and/or atmosphere. IR Reflow Soldering Profile (Lead-free Solder) Recommended Soldering Patterns Unit: mm Above table specifies the maximum allowed duration and temperature during soldering. It is strongly advised to perform soldering at the shortest time and lowest temperature possible. Cleaning: Cleaning with isopropyl alcohol, propanol, or ethyl alcohol is recommended DO NOT USE acetone, chloroseen, trichloroethylene, or MKS DO NOT USE ultrasonic cleaners Static Electricity: LEDs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken when handling or operating these LEDs. Surge voltage or electrostatic discharge can result in complete failure of the device. Radiation: During operation these LEDs do emit high intensity light, which is hazardous to skin and eyes, and may cause cancer. Do avoid exposure to the emitted light. Protective glasses are recommended. It is further advised to attach a warning label on products/systems. Operation: Do only operate LEDs with a current source. Running these LEDs from a voltage source will result in complete failure of the device. Current of a LED is an exponential function of the voltage across it. Usage of current regulated drive circuits is mandatory. © All Rights Reserved The above specifications are for reference purpose only and subjected to change without prior notice |
Số phần tương tự - SMB1N-810D-02 |
|
Mô tả tương tự - SMB1N-810D-02 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |