công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB1N-420H-02 bảng dữ liệu(PDF) 4 Page - Roithner LaserTechnik GmbH

tên linh kiện SMB1N-420H-02
Giải thích chi tiết về linh kiện  violet high power led
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROITHNER [Roithner LaserTechnik GmbH]
Trang chủ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-420H-02 bảng dữ liệu(HTML) 4 Page - Roithner LaserTechnik GmbH

  SMB1N-420H-02 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-420H-02 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-420H-02 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-420H-02 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.roithner-laser.com
4
Precautions
Soldering:
• Do avoid overheating of the LED
• Do avoid electrostatic discharge (ESD)
• Do avoid mechanical stress, shock, and vibration
• Do only use non-corrosive flux
• Do not apply current to the LED until it has cooled down to room temperature after soldering
Recommended soldering conditions:
This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered, its
reliability cannot be guarantee.
Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical
degradation, caused by heat and/or atmosphere.
IR Reflow Soldering Profile
(Lead-free Solder)
Recommended Soldering Patterns
Unit: mm
Above table specifies the maximum allowed duration and temperature during soldering. It is
strongly advised to perform soldering at the shortest time and lowest temperature possible.
Cleaning:
Cleaning with isopropyl alcohol, propanol, or ethyl alcohol is recommended
DO NOT USE acetone, chloroseen, trichloroethylene, or MKS
DO NOT USE ultrasonic cleaners
Static Electricity:
LEDs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken
when handling or operating these LEDs. Surge voltage or electrostatic discharge can result in
complete failure of the device.
Radiation:
During operation these LEDs do emit high intensity light, which is hazardous to skin and eyes,
and may cause cancer. Do avoid exposure to the emitted light. Protective glasses are
recommended. It is further advised to attach a warning label on products/systems.
Operation:
Do only operate LEDs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated
drive circuits is mandatory.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


Số phần tương tự - SMB1N-420H-02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Roithner LaserTechnik G...
SMB1N-420H ROITHNER-SMB1N-420H Datasheet
740Kb / 4P
   violet high power led
More results

Mô tả tương tự - SMB1N-420H-02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Roithner LaserTechnik G...
SMB1N-420H ROITHNER-SMB1N-420H Datasheet
740Kb / 4P
   violet high power led
SMB1N-405V-02 ROITHNER-SMB1N-405V-02 Datasheet
660Kb / 4P
   violet high power led
SMB1N-435V ROITHNER-SMB1N-435V Datasheet
1Mb / 4P
   Violet High Power LED
SMB1N-880-02 ROITHNER-SMB1N-880-02 Datasheet
781Kb / 4P
   violet high power led
logo
OptoSupply Internationa...
OSV6Y3Z161P OPTOSUPPLY-OSV6Y3Z161P Datasheet
108Kb / 1P
   Deluxe Power Super Flux High Violet LED
OSV6Y3Z2C1P OPTOSUPPLY-OSV6Y3Z2C1P Datasheet
108Kb / 1P
   Deluxe Power Super Flux High Violet LED
OSV5XAT1C1E OPTOSUPPLY-OSV5XAT1C1E Datasheet
110Kb / 1P
   Tops 1 Power Violet LED
logo
Roithner LaserTechnik G...
SMC395 ROITHNER-SMC395 Datasheet
142Kb / 2P
   Violet LED
SMC970 ROITHNER-SMC970 Datasheet
228Kb / 2P
   Violet LED
logo
OptoSupply Internationa...
OSV5XME1E1E OPTOSUPPLY-OSV5XME1E1E Datasheet
145Kb / 2P
   Xeon 1 Power Violet LED
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com