công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FZT956 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện FZT956
Giải thích chi tiết về linh kiện  200V PNP MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT956 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  FZT956_15 Datasheet HTML 1Page - Diodes Incorporated FZT956_15 Datasheet HTML 2Page - Diodes Incorporated FZT956_15 Datasheet HTML 3Page - Diodes Incorporated FZT956_15 Datasheet HTML 4Page - Diodes Incorporated FZT956_15 Datasheet HTML 5Page - Diodes Incorporated FZT956_15 Datasheet HTML 6Page - Diodes Incorporated FZT956_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT956
Datasheet Number: DS36119 Rev. 5 - 2
1 of 7
www.diodes.com
March 2015
© Diodes Incorporated
FZT956
A Product Line of
Diodes Incorporated
200V PNP MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > -200V
IC = -2A High Continuous Collector Current
IC = -5A Peak Pulse Current
Low Saturation Voltage VCE(sat) < -165mV @ -1A
hFE Specified up to -5A for a High Gain Hold-Up
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT223
Case Material: Molded P
lastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per MIL-
STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FZT956TA
AEC-Q101
FZT956
7
12
1,000
FZT956QTA
Automotive
FZT956
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT223
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
FZT 956 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)
FZT
956


Số phần tương tự - FZT956_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
FZT956 DIODES-FZT956_17 Datasheet
455Kb / 7P
   200V PNP MEDIUM POWER TRANSISTOR
More results

Mô tả tương tự - FZT956_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT955 DIODES-FZT955_15 Datasheet
638Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
   300V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT953 DIODES-FZT953_15 Datasheet
315Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT755 DIODES-FZT755_15 Datasheet
620Kb / 7P
   150V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT717 DIODES-FZT717_15 Datasheet
693Kb / 7P
   12V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com