công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMBD5004C-7 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện MMBD5004C-7
Giải thích chi tiết về linh kiện  HIGH VOLTAGE DUAL SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD5004C-7 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  MMBD5004C-7 Datasheet HTML 1Page - Diodes Incorporated MMBD5004C-7 Datasheet HTML 2Page - Diodes Incorporated MMBD5004C-7 Datasheet HTML 3Page - Diodes Incorporated MMBD5004C-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBD5004A/C/S
Document number: DS35585 Rev. 2 - 2
1 of 4
www.diodes.com
April 2012
© Diodes Incorporated
MMBD5004A/C/S
HIGH VOLTAGE DUAL SWITCHING DIODE
Features
Fast Switching Speed: 50ns
High Reverse Breakdown Voltage Rating: 400V
Low Leakage Current
Surface Mount Package Ideally Suited for Automated Insertion
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 2 & 3)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic. "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
MMBD5004S-7
SOT23
3000/Tape & Reel
MMBD5004C-7
SOT23
3000/Tape & Reel
MMBD5004A-7
SOT23
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
 
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
Code
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
MMBD5004S
xxx = Product Type Marking Code
ex. KJB = MMBD5004S
CJK = MMBD5004C
AJK = MMBD5004A
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
MMBD5004A
MMBD5004C
xxx


Số phần tương tự - MMBD5004C-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
MMBD5004C-7 DIODES-MMBD5004C-7 Datasheet
284Kb / 5P
   HIGH VOLTAGE DUAL SWITCHING DIODE
More results

Mô tả tương tự - MMBD5004C-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
MMBD5004S DIODES-MMBD5004S Datasheet
89Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
BAW101V DIODES-BAW101V Datasheet
100Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
BAW101S DIODES-BAW101S Datasheet
97Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
BAW101V DIODES-BAW101V_15 Datasheet
100Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD5004A DIODES-MMBD5004A Datasheet
284Kb / 5P
   HIGH VOLTAGE DUAL SWITCHING DIODE
logo
Yangzhou yangjie electr...
BAV23AQ YANGJIE-BAV23AQ Datasheet
311Kb / 4P
   Dual High-voltage Switching Diode
logo
Diodes Incorporated
BAW101S DIODES-BAW101S_15 Datasheet
97Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G Datasheet
123Kb / 3P
   Dual Series High Voltage Switching Diode
August, 2009 ??Rev. 5
logo
NXP Semiconductors
BAS21PG PHILIPS-BAS21PG_15 Datasheet
250Kb / 13P
   Dual isolated high-voltage switching diode
9 June 2015
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G_16 Datasheet
99Kb / 3P
   Dual Series High Voltage Switching Diode
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com