công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STG2454 bảng dữ liệu(PDF) 6 Page - SamHop Microelectronics Corp.

tên linh kiện STG2454
Giải thích chi tiết về linh kiện  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG2454 bảng dữ liệu(HTML) 6 Page - SamHop Microelectronics Corp.

  STG2454 Datasheet HTML 1Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 2Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 3Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 4Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 5Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 6Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STG2454
Ver 1.1
www.samhop.com.tw
Aug,24,2012
6
PACKAGE OUTLINE DIMENSIONS
T SSO P -8
0.85
0.033
0.80
0.031
0.19
0.30
0.007
0.012
1. This drawing is for general information only.Refer to JEDEC Drawing MO-153,Variation AA,for
proper dimensions,tolerances,datums,etc.
2. Dimension D does not include mold Flash,protrusions or gate burrs.Mold Flash,protrusions and
gate burrs shall not exceed 0.15 mm (0.006 in) per side.
3. Dimension E does not include inter-lead Flash or protrusions.Inter-lead Flash and protrusions
shall not exceed 0.25mm (0.010 in) per side.
4. Dimension b does not include Dambar protrusion.Allowable Dambar protrusion shall be 0.08 mm
total in excess of the b dimension at maximum material condition.Dambar cannot be located on
the lower radius of the foot. Minimum space between protrusion and adjacent lead is 0.07 mm.
Notes:
5. Dimension D and E to be determined at Datum Plane H.
DETAIL A
DETAIL A
MAX
MIN
MAX
MIN
2
3
2
3


Số phần tương tự - STG2454

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STG200G65FD8AG STMICROELECTRONICS-STG200G65FD8AG Datasheet
505Kb / 11P
   Automotive-grade trench gate field-stop 650 V, 200 A, high-efficiency M series IGBT die in D8 packing
Rev 1 - July 2023
STG200M65F2D8AG STMICROELECTRONICS-STG200M65F2D8AG Datasheet
292Kb / 11P
   Automotive-grade 650 V, 200 A trench gate field-stop M series low-loss IGBT die in D8 packing
May 2021 Rev 4
logo
SamHop Microelectronics...
STG2017 SAMHOP-STG2017 Datasheet
651Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG2507 SAMHOP-STG2507 Datasheet
649Kb / 7P
   Dual P-Channel E nhancement Mode Field Effect Transistor
logo
STMicroelectronics
STG25H120F2D7 STMICROELECTRONICS-STG25H120F2D7 Datasheet
252Kb / 10P
   1200 V, 25 A trench gate field-stop H series IGBT die in D7 packing
May 2015 Rev 1
More results

Mô tả tương tự - STG2454

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com