công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STBP80L60 bảng dữ liệu(PDF) 2 Page - SamHop Microelectronics Corp.

tên linh kiện STBP80L60
Giải thích chi tiết về linh kiện  Super high dense cell design for extremely low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP80L60 bảng dữ liệu(HTML) 2 Page - SamHop Microelectronics Corp.

  STBP80L60 Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 7Page - SamHop Microelectronics Corp. STBP80L60 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STB/P80L60
Ver 2.1
www.samhop.com.tw
Dec,14,2012
2
8.0
57
4300
370
235
72
74
152
30
57.5
7.2
17.5
9.7
Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
IGSS
±100
nA
VGS(th)
V
gFS
S
CISS
pF
COSS
pF
CRSS
pF
Qg
nC
tD(ON)
ns
tr
ns
tD(OFF)
ns
tf
ns
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
VDD=30V
ID=1A
VGS=10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=40A
VDS=5V , ID=40A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=48V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
c
f=1.0MHz
c
VSD
nC
Qgs
nC
Qgd
Gate-Drain Charge
Gate-Source Charge
Diode Forward Voltage
VDS=30V,ID=25A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=8A
0.79
1.3
V
Notes
nC
VDS=30V,ID=25A,VGS=10V
VDS=30V,ID=25A,VGS=4.5V
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 30V.(See Figure13)
_
_
_
12.1
3
26


Số phần tương tự - STBP80L60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
STBP010 EIC-STBP010 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP011 EIC-STBP011 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP012 EIC-STBP012 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP013 EIC-STBP013 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP015 EIC-STBP015 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - STBP80L60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
logo
First Components Intern...
FMT2305 FCI-FMT2305 Datasheet
400Kb / 4P
   Super High Dense Cell Design for Extremely Low RDS(ON)
logo
SamHop Microelectronics...
STBP70L60 SAMHOP-STBP70L60 Datasheet
181Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP454 SAMHOP-STBP454 Datasheet
182Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP4410 SAMHOP-STBP4410 Datasheet
195Kb / 10P
   Super high dense cell design for extremely low RDS(ON).
STBP440S SAMHOP-STBP440S Datasheet
264Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP432S SAMHOP-STBP432S Datasheet
243Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP35N10 SAMHOP-STP35N10 Datasheet
139Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP652F SAMHOP-STP652F Datasheet
126Kb / 7P
   Super high dense cell design for extremely low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com