công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZSR216 bảng dữ liệu(PDF) 1 Page - ZETTLER Electronics

tên linh kiện AZSR216
Giải thích chi tiết về linh kiện  16 AMP 3-POLE SOLAR POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZETTLER [ZETTLER Electronics]
Trang chủ  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZSR216 bảng dữ liệu(HTML) 1 Page - ZETTLER Electronics

  AZSR216 Datasheet HTML 1Page - ZETTLER Electronics AZSR216 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image



  







2014-09-08
AZSR216/316
Arrangement
DPST (2 Form A)
3PST (3 Form A)
Ratings
Resistive load:
Max. switched power: 280 W or 4000 VA
Max. switched current: 16 A
Max. switched voltage: 28 VDC* or 400 VAC
*
Note: If switching voltage is greater than 28 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
15 A at 250 VAC, resistive
Material
Silver cadmium oxide, silver nickel
Resistance
< 100 milliohms initially
(at 6 V, 1 A, voltage drop method)
GENERAL DATA
Life Expectancy
Mechanical
Electrical
Minimum operations
2 x 105
1 x 105 at 16 A, 250 VAC, res.
Operate Time (typical)
12 ms at nominal coil voltage
Release Time (typical)
7 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
2500 Vrms coil to contact
2500 Vrms between open contacts
2500 Vrms between contact sets
Insulation
Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Category of Protection
RT II
Holding Voltage
Greater than 20% of nominal coil voltage
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
Operating
at nominal coil voltage
-40°C (-40°F) to 55°C (131°F)
at max. 50% of nominal coil voltage
-40°C (-40°F) to 85°C (185°F)
Vibration
5 g at 10–150 Hz
Shock
10 g
Enclosure
P.C.
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Weight
85 grams
CONTACTS
Power
At Pickup Voltage
(typical)
At Holding Voltage
(typical)
Max. Continuous
Dissipation
Temperature Rise
1.1 W
70 mW
2.05 W at 20°C (68°F) ambient
50 °C (90°F) at nominal coil voltage
Temperature
Max. 130°C (266°F)
COIL
1. All values at 20°C (68°F)
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
NOTES
16 AMP 3-POLE SOLAR
POWER RELAY
FEATURES
• 3 mm contact gap
• PCB version
• 2-pole or 3-pole versions available
• AZSR216: Clearance / creepage distance > 5 / 8 mm
• AZSR316: Clearance / creepage distance > 5 / 5.5 mm
• Holding Power < 100 mW
• UL, CUR file E43203
Discontinuation Notice
Discontinuation date:
31.12.2014
Date of last order:
31.03.2015
Recommended replacement:
RUC


Số phần tương tự - AZSR216

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ZETTLER Electronics
AZSR216-2A-12D ZETTLER-AZSR216-2A-12D Datasheet
288Kb / 2P
   16 AMP 3-POLE SOLAR POWER RELAY
AZSR216-2A-24D ZETTLER-AZSR216-2A-24D Datasheet
288Kb / 2P
   16 AMP 3-POLE SOLAR POWER RELAY
More results

Mô tả tương tự - AZSR216

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ZETTLER Electronics
AZSR316 ZETTLER-AZSR316 Datasheet
288Kb / 2P
   16 AMP 3-POLE SOLAR POWER RELAY
logo
Picker Components
PC703 PICKER-PC703 Datasheet
193Kb / 2P
   1 Pole To 3 Pole 10 Amp Plug In Relay
logo
Fujitsu Component Limit...
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Hongfa Technology
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
   SOLAR RELAY
HF161F-W HONGFA-HF161F-W_V01 Datasheet
590Kb / 3P
   SOLAR RELAY
HF116F-G HONGFA-HF116F-G Datasheet
75Kb / 4P
   SOLAR RELAY
HF167F HONGFA-HF167F Datasheet
57Kb / 2P
   SOLAR RELAY
HF170F HONGFA-HF170F Datasheet
63Kb / 2P
   SOLAR RELAY
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
   SOLAR RELAY
HF176F HONGFA-HF176F Datasheet
54Kb / 2P
   SOLAR RELAY
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com