công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF3338 bảng dữ liệu(PDF) 5 Page - LOGIC Devices Incorporated

tên linh kiện LF3338
Giải thích chi tiết về linh kiện  8-Bit Vertical Digital Image Filter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LODEV [LOGIC Devices Incorporated]
Trang chủ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3338 bảng dữ liệu(HTML) 5 Page - LOGIC Devices Incorporated

  LF3338 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3338 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DEVICES INCORPORATED
Video Imaging Products
5
LF3338
8-Bit Vertical Digital Image Filter
04/06/1999–LDS.3338-B
FIGURE 5.
MULTIPLE LF3338S CASCADED TOGETHER
DIN
LINE BUFFERS
VERTICAL FILTER
RSL
CIRCUIT
COUT
DIN
RSL
CIRCUIT
COUT
COUT
RSL
CIRCUIT
LF3338
DIN
DIN
DATA OUT
29 TAP RESULT
LF3338
LF3338
LF3338
8
RSL
CIRCUIT
LINE BUFFERS
LINE BUFFERS
LINE BUFFERS
VERTICAL FILTER
VERTICAL FILTER
VERTICAL FILTER
LF3347
RSL
CIRCUIT
16
25
25
FUNCTIONAL DESCRIPTION
Line Buffers
The maximum delay length of each line
buffer is 3076 cycles and the minimum
is 4 cycles. Configuration Register 0
(CR0) determines the delay length of
the line buffers. The line buffer length
is equal to the value of CR0 plus 4. A
value of 0 for CR0 sets the line buffer
length to 4. A value of 3072 for CR0
sets the line buffer length to 3076. Any
values for CR0 greater than 3072 are not
valid.
The line buffers have two modes of
operation: delay mode and recirculate
mode. Bit 0 of Configuration Register 1
determines which mode the line buffers
are in. In delay mode, the data input to
the line buffer is delayed by an amount
determined by CR0. In recirculate
mode, the output of the line buffer is
routed back to the input of the line
buffer allowing the line buffer contents
to be read multiple times.
Bit 1 of Configuration Register 1 allows
the line buffers to be loaded in parallel.
When Bit 1 is “1”, the input register
(DIN7-0) loads all seven line buffers in
parallel. This allows all the line buffers
to be preloaded with data in the
amount of time it normally takes to
load a single line buffer.
Odd and Even Field Filtering
The LF3338 is capable of odd and even
field filtering. Bit 2 of Configuration
Register 1 enables the VB Data Input
port required for odd and even field
filtering. Bit 3 of the same configura-
tion register enables the line buffer in
the VB Data path. Line buffer length is
set to the length written to Configura-
tion Register 0. If line buffer parallel
load is enabled and odd and even field
filtering is enabled, the data for the VB
line buffer comes from the VB Data
Input port.
Interleaved Data
The LF3338 is capable of handling
interleaved data. The number of data
sets it can handle is determined by the
number of data values contained in a
video line. If the interleaved video line
has 3076 data values or less, the LF3338
can handle it no matter how many data
sets are interleaved together.
Cascading
A cascade port is provided to allow
cascading of multiple devices for
more filter taps (see Figure 5).
COUT7-0 of one device should be
connected to DIN7-0 of another
device. As many LF3338s as desired
may be cascaded together. How-
ever, the outputs of the LF3338s
must be added together with exter-
nal adders.
The first line buffer on a cascaded
device must have its length short-
ened by two delays. This is to
account for the added delays of the
input register on the device and the
cascade output register from the
previous LF3338. If Bit 0 of Con-
figuration Register 3 is set to “1”,
the length of the first line buffer will
be reduced by two. This will make
its effective length the same as the
other line buffers on the device. If
Bit 0 of Configuration Register 3 is
set to “0”, the length of the first line
buffer will be the same as the other
line buffers. When cascading
devices, the first LF3338 should
have Bit 0 of Configuration Register


Số phần tương tự - LF3338

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3330QC12 LODEV-LF3330QC12 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3330QC15 LODEV-LF3330QC15 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
More results

Mô tả tương tự - LF3338

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
logo
ON Semiconductor
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
   8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
   8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com