công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF3330QC15 bảng dữ liệu(PDF) 4 Page - LOGIC Devices Incorporated

tên linh kiện LF3330QC15
Giải thích chi tiết về linh kiện  Vertical Digital Image Filter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LODEV [LOGIC Devices Incorporated]
Trang chủ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3330QC15 bảng dữ liệu(HTML) 4 Page - LOGIC Devices Incorporated

  LF3330QC15 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3330QC15 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3330QC15 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3330QC15 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3330QC15 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3330QC15 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3330QC15 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3330QC15 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3330QC15 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DEVICES INCORPORATED
LF3330
Vertical Digital Image Filter
4
Video Imaging Products
11/08/2001–LDS.3330-M
ACC — Accumulator Control
When ACC is HIGH, the accumulator
is enabled for accumulation and the
accumulator output register is
disabled for loading. When ACC is
LOW, no accumulation is performed
and the accumulator output register
is enabled for loading. ACC is
latched on the rising edge of CLK.
SHEN — Shift Enable
SHEN enables or disables the
loading of data into the input/
cascade registers and the line
buffers. When SHEN is LOW, data
is loaded into the input/cascade
registers and shifted through the
line buffers on the rising edge of
CLK. When SHEN is HIGH, data
can not be loaded into the input/
cascade registers or shifted through
the line buffers and their contents
will not be changed.
RSL3-0 — Round/Select/Limit Control
RSL3-0 determines which of the
sixteen user-programmable round/
select/limit registers are used in the
round/select/limit circuitry. A
value of 0 on RSL3-0 selects round/
select/limit register 0. A value of 1
selects round/select/limit register 1
and so on. RSL3-0 is latched on the
rising edge of CLK (see the round,
select, and limit sections for a
complete discussion).
OED — DOUT Output Enable
When OED is LOW, DOUT15-0 is
enabled for output. When OED is
HIGH, DOUT15-0 is placed in a
high-impedance state.
OEC — COUT Output Enable
When OEC is LOW, COUT15-0 is
enabled for output. When OEC is
HIGH, COUT15-0 is placed in a high-
impedance state.
BITS
FUNCTION
DESCRIPTION
0
Limit Enable
0 : Limiting Disabled
1 : Limiting Enabled
11-1
Reserved
Must be set to “0”
TABLE 4.
CONFIGURATION REGISTER 2 – ADDRESS 202H
BITS
FUNCTION
DESCRIPTION
0
Cascade Mode
0 : First Device
1 : Cascaded Device
11-1
Reserved
Must be set to “0”
TABLE 5.
CONFIGURATION REGISTER 3 – ADDRESS 203H
BITS
FUNCTION
DESCRIPTION
11-0
Line Buffer Length
See Line Buffer Description Section
TABLE 2.
CONFIGURATION REGISTER 0 – ADDRESS 200H
BITS
FUNCTION
DESCRIPTION
0
Line Buffer Mode
0 : Delay Mode
1 : Recirculate Mode
1
Line Buffer Load
0 : Normal Load
1 : Parallel Load
2
Odd and Even Field
0 : VB Port Disabled
Filtering Port Enable
1 : VB Port Enabled
3
Odd and Even Field
0 : VB Line Buffer Disabled
Filtering Line Buffer Enable
1 : VB Line Buffer Enabled
11-4
Reserved
Must be set to “0”
TABLE 3.
CONFIGURATION REGISTER 1 – ADDRESS 201H
FIGURE 4. RSL CIRCUITRY
32
32
4
RSL3-0
RND
LIMIT
32
16
16
RSL CIRCUITRY
DATA IN
32
DATA OUT
5
SELECT


Số phần tương tự - LF3330QC15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
LF3338QC12 LODEV-LF3338QC12 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
More results

Mô tả tương tự - LF3330QC15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
logo
NXP Semiconductors
SAA9069 PHILIPS-SAA9069 Datasheet
281Kb / 8P
   DIGITAL VERTICAL FILTER(DVF)
January 1988
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com