công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF3320QC12 bảng dữ liệu(PDF) 10 Page - LOGIC Devices Incorporated

tên linh kiện LF3320QC12
Giải thích chi tiết về linh kiện  Horizontal Digital Image Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LODEV [LOGIC Devices Incorporated]
Trang chủ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3320QC12 bảng dữ liệu(HTML) 10 Page - LOGIC Devices Incorporated

Back Button LF3320QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 12Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 13Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 14Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DEVICES INCORPORATED
LF3320
Horizontal Digital Image Filter
2-10
08/16/2000–LDS.3320-N
Video Imaging Products
FIGURE 13.
I/D REGISTER DATA PATHS
ALU
AB
ALU
AB
COEF 7
COEF 6
ALU
AB
ALU
AB
COEF 7
COEF 6
Delay Stage N–1
ALU
AB
ALU
AB
COEF 6
EVEN-TAP MODE
ODD-TAP MODE
ODD-TAP INTERLEAVE MODE
2
COEF 7
2
Delay Stage N
FIGURE 12.
SYMMETRIC COEFFICIENT SET EXAMPLES
1
2
3
4
5
6
7
8
Even-Tap, Even-Symmetric
Coefficient Set
Odd-Tap, Even-Symmetric
Coefficient Set
1
2
3
4
5
6
7
8
Even-Tap, Odd-Symmetric
Coefficient Set
1
2
3
4
5
6
7
The ALUs can perform two operations:
A+B and B–A. Bit 0 of Configuration
Register 0 determines the operation of
the ALUs in Filter A.
Bit 0 of Configuration Register 2 deter-
mines the operation of the ALUs in Filter
B. A+B is used with
even-
symmetric coefficient sets. B–A is used
withodd-symmetriccoefficientsets.
Also, either the A or B operand may be
set to 0. Bits 1 and 2 of Configuration
Register 0 and Configuration Register 2
control the ALU inputs in
Filters A and B respectively. A+0 or B+0
are used with asymmetric coefficient
sets.
Interleave/DecimationRegisters
TheInterleave/DecimationRegisters(I/D
Registers)feedtheALUinputs. They
allow the device to filter up to sixteen data
sets interleaved into the same data stream
without having to separate the data sets.
The I/D Registers should be set to a length
equaltothenumberofdatasetsinter-
leavedtogether.
For example, if two data sets are inter-
leavedtogether,theI/DRegistersshould
be set to a length of two. Bits 1 through 4 of
ConfigurationRegister1andConfigura-
tionRegister3determinethelengthofthe
I/DRegistersinFilters A and Brespec-
tively.
The I/D Registers also facilitate using
decimationtoincreasethenumberoffilter
taps. Decimation by N is accomplished by
readingthefilter’soutputonceeveryN
clock cycles. The device supports decima-
tion up to 16:1. With no decimation, the
maximumnumberoffiltertapsissixteen.
WhendecimatingbyN,thenumberof
filtertapsbecomes16Nbecausethereare
N–1 clock cycles when the filter’s output is
not being read. The extra clock cycles are
usedtocalculatemorefiltertaps.
When decimating, the I/D Registers
should be set to a length equal to the
decimation factor. For example, when
performing a 4:1 decimation, the I/D
Registers should be set to a length of
four. When decimation is disabled or
when only one data set (non-interleaved
data) is fed into the device, the I/D
Registers should be set to a length of
one.


Số phần tương tự - LF3320QC12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results

Mô tả tương tự - LF3320QC12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com