công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF3320QC12 bảng dữ liệu(PDF) 1 Page - LOGIC Devices Incorporated

tên linh kiện LF3320QC12
Giải thích chi tiết về linh kiện  Horizontal Digital Image Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LODEV [LOGIC Devices Incorporated]
Trang chủ  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3320QC12 bảng dữ liệu(HTML) 1 Page - LOGIC Devices Incorporated

  LF3320QC12 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DEVICES INCORPORATED
Video Imaging Products
2-1
LF3320
Horizontal Digital Image Filter
08/16/2000–LDS.3320-N
FEATURES
DESCRIPTION
The LF3320 filters digital images in the
horizontal dimension at real-time
video rates. The input and coefficient
data are both 12 bits and in two’s
complement format. The output is also
in two’s complement format and may
be rounded to 16 bits.
The LF3320 is designed to take
advantage of symmetric coefficient
sets. When symmetric coefficient sets
are used, the device can be configured
as a single 32-tap FIR filter or as two
separate 16-tap FIR filters.
When asymmetric coefficient sets are
used, the device can be configured as a
single 16-tap FIR filter or as two
separate 8-tap FIR filters. Multiple
LF3320s can be cascaded to create
larger filters.
Interleave/Decimation Registers (I/D
Registers) allow interleaved data to be
fed directly into the device and filtered
without separating the data into
individual data streams.
The LF3320 can handle a maximum of
sixteen data sets interleaved together.
The I/D Registers and on-chip accu-
mulators facilitate using decimation to
increase the number of filter taps.
Decimation of up to 16:1 is supported.
The LF3320 contains enough on-board
memory to store 256 coefficient sets.
Two separate LF InterfacesTM allow all
256 coefficient sets to be updated within
vertical blanking.
LF3320
Horizontal Digital Image Filter
DEVICES INCORPORATED
LF3320 BLOCK DIAGRAM
❑ 83 MHz Data Rate
❑ 12-bit Data or Coefficients (Expand-
able to 24-bit)
❑ 32-Tap FIR Filter, Cascadable for
More Filter Taps
❑ Over 49 K-bits of on-board Memory
❑ LF InterfaceTM Allows All 256
Coefficient Sets to be Updated
Within Vertical Blanking
❑ Various Operating Modes: Dual
Filter, Single Filter, Double Wide
Data or Coefficient, Matrix Multipli-
cation, and Accumulator Access.
❑ Selectable 16-bit Data Output with
User-DefinedRoundingandLimiting
❑ Supports Interleaved Data Streams
❑ Supports Decimation up to 16:1 for
Increasing Number of Filter Taps
❑ 3.3 Volt Supply
❑ 144 Lead PQFP
256
COEFFICIENT
SET
STORAGE
16-TAP
FILTER A
16-TAP
FILTER B
DIN11-0
12
256
COEFFICIENT
SET
STORAGE
ROUT11-0
12
12
12
ROUND
SELECT
LIMIT
CIRCUITRY
OED
CAA7-0
CENA
8
CAB7-0
CENB
8
COUT11-0
RIN11-0
DOUT15-0
CFA11-0
12
LDA
CFB11-0
LDB
16
INTERLEAVE / DECIMATION
REGISTERS
12
CLK
PAUSEA
PAUSEB


Số phần tương tự - LF3320QC12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results

Mô tả tương tự - LF3320QC12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com