công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA158 bảng dữ liệu(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

tên linh kiện BA158
Giải thích chi tiết về linh kiện  Plastic Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DACHANG [Rugao Dachang Electronics Co., Ltd]
Trang chủ  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

BA158 bảng dữ liệu(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  BA158 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd BA158 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BA157
BA158
BA159D
BA159
400
600
800
280
420
560
20
1.0
1.3
5.0
15
塑封快恢复整流二极管
反向电压
400 ---1000 V
正向电流
1.0 A
1000
700
BA157
BA158
BA159D
BA159
150
200
300
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55
---+150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子: 镀锡轴向引线
Terminals: Plated axial leads
·极性: 色环端为负极
Polarity: Color band denotes cathode end
·安装位置: 任意
Mounting Position: Any
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Plastic Fast Recover Rectifier
Reverse Voltage 400 to 1000V
Forward Current 1.0A
最大正向电压
最大反向电流
TA= 25℃
TA=100℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
pF
IR
trr
Cj
Maximum forward voltage
Maximum reverse current
Type junction capacitance
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 1.0A
400
600
800
1000
65
100
RθJA
BA157 ...... BA159
SIYU R
1.0(25.4)
MIN
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)
DIA
DIA
.034(0.9)
.028(0.7)
DO-41
Unit:inch(mm)
大昌电子
DACHANG ELECTRONICS
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard


Số phần tương tự - BA158

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Vishay Siliconix
BA158 VISHAY-BA158 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Leshan Radio Company
BA158 LRC-BA158 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Nanjing International G...
BA158 DGNJDZ-BA158 Datasheet
263Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results

Mô tả tương tự - BA158

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR251 DACHANG-FR251_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR301G DACHANG-FR301G_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR151 DACHANG-FR151_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com