công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5400 bảng dữ liệu(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

tên linh kiện 1N5400
Giải thích chi tiết về linh kiện  General Purpose Plastic Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DACHANG [Rugao Dachang Electronics Co., Ltd]
Trang chủ  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N5400 bảng dữ liệu(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  1N5400_15 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N5400_15 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N
5401
1N
5402
1N
5403
1N
5404
1N
5405
1N
5406
1N
5407
1000
50
100
200
400
600
800
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
V
V
V
A
A
/W
20
200
3.0
1.1
V
1N
5401
1N
5402
1N
5403
1N
5404
1N
5405
1N
5406
1N
5407
10
200
30
μA
pF
VRRM
VRMS
VDC
IF(AV)
IFSM
1N5400 ...... 1N5408
1N
5408
1N
5408
300
300
210
1N
5400
500
500
350
1N
5400
SIYU R
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
普通塑封整流二极管
反向电压
50 --- 1000 V
正向电流
3.0 A
General Purpose Plastic Rectifier
Reverse Voltage 50 to 1000 V
Forward Current 3.0 A
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
DIA
DIA
.052(1.3)
.048(1.2)
DO-27
Unit:inch(mm)
TJ, TSTG
-55
--- +150
e
g
a
tl
o
v
S
M
R
m
u
m
i
x
a
M
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
M
t
n
e
r
r
u
c
d
e
if
it
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
s
m
3
.
8
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
工作结温和存储温度
Operating junction and storage temperature range
IR
Cj
最大正向电压
IF = 3.0A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
符号
Symbols
单位
Unit
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
TA=100℃
符号
Symbols
单位
Unit
RθJA
大昌电子
DACHANG ELECTRONICS
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·引线和管体皆符合ROHS标准 。
Lead and body according with ROHS standard


Số phần tương tự - 1N5400_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
1N5400 SECOS-1N5400_15 Datasheet
259Kb / 2P
   3.0 AMP Silicon Rectifiers
logo
Compact Technology Corp...
1N5400 CTC-1N5400_15 Datasheet
127Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
   3.0A RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400_15 Datasheet
201Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400_15 Datasheet
137Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Mô tả tương tự - 1N5400_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com