công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS4264GCW50RP bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS4264GCW50RP
Giải thích chi tiết về linh kiện  5V/150mA Fixed-Voltage Ultra Low LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264GCW50RP bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4264GCW50RP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264GCW50RP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264GCW50RP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264GCW50RP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264GCW50RP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS4264GCW50
5V/150mA Fixed-Voltage Ultra Low LDO
1/5
Version: B14
SOT-223
General Description
The TS4264GCW50 is a monolithic integrated low-drop fixed voltage regulator which can supply loads up to
150mA. It is functional compatible to the TS4264CW50 but has a reduced quiescent current of typ. 40µA. The
TS4264GCW50 is especially designed for all applications which require very low quiescent currents. This ULDO
is designed to supply microprocessor systems under the severe condition of automotive applications and is
therefore equipped with additional protection against overload, short-circuit and over temperature. Of course the
TS4264GCW50 can be used in all other applications, wherever a stabilized voltage is required.
An input voltage in the range of 5.5V ~ 45V is regulated to VOUT= 5V with an accuracy of ±3%. An accuracy of
±2% is kept for a load current range up to 50mA. The device operates in the temperature range of TJ = –40
~150°C.
Features
Fixed Output Voltage 5V
Output Voltage Tolerance
±3%
150mA Current Capability
Ultra Low Quiescent Current 40µA (Typ.)
Over Temperature Protection
Short-Circuit Proof
Reverse Polarity Proof
Wide Temperature Polarity Range
Suitable for use in Automotive Electronics
Ordering Information
Part No.
Package
Packing
TS4264GCW50 RP
SOT-223
2.5kpcs / 13” Reel
TS4264GCW50 RPG
SOT-223
2.5kpcs / 13” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Pin Definition and Function
Pin
Symbol
Function
1
Input
Block to ground directly on IC with
ceramic capacitor
2
Ground
Ground
3
Output
Block to ground with 10uF capacitor,
ESR < 4Ω
Block Diagram
Pin Definition:
1. Input
2. Ground (tab)
3. Output


Số phần tương tự - TS4264GCW50RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS4264GCW50RP TSC-TS4264GCW50RP Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
More results

Mô tả tương tự - TS4264GCW50RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
RICOH electronics devic...
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
   Low Voltage 150mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com