công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS4264GCW50 bảng dữ liệu(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS4264GCW50
Giải thích chi tiết về linh kiện  5V/150mA Fixed-Voltage Ultra Low LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264GCW50 bảng dữ liệu(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4264GCW50_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264GCW50_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264GCW50_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264GCW50_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264GCW50_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS4264GCW50
5V/150mA Fixed-Voltage Ultra Low LDO
3/5
Version: B14
Application Information
In the TS4264GCW50 the output voltage is divided and compared to an internal reference of 2.5V typical. The
regulation loop controls the output to achieve an output voltage of 5V with an accuracy of
±3% at an input voltage
range of 5.5V~45V.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly precise by resistance adjustment, to a
voltage that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation
control, working as a function of load current, prevents any over-saturation of the power element. The IC is
additionally protected against overload, over temperature and reverse polarity
Typical Application Circuit
Dimensioning Information on External Components
The input capacitor CIN is necessary for compensating line influences. Using a resistor of approx. 1
Ω in series with
CIN, the oscillating of input inductivity and input capacitance can be clamped. The output capacitor COUT is
necessary for the stability of the regulating circuit. Stability is guaranteed at values COUT
≥10µF and an ESR ≤ 4Ω
within the operating temperature range.
The application circuit shows additional electrolytic input capacitor of 470µF is added in order to buffer supply line
influences. This capacitor is recommended, if the device is sourced via long supply lines of several meters.
The TS4264GCW50 can supply up to 150mA. However for protection for high input voltage above 25V, the output
current is reduced (SOA protection).


Số phần tương tự - TS4264GCW50_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS4264GCW50RP TSC-TS4264GCW50RP Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
More results

Mô tả tương tự - TS4264GCW50_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
RICOH electronics devic...
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
   Low Voltage 150mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com