công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3809CXGRFG bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS3809CXGRFG
Giải thích chi tiết về linh kiện  Microprocessor Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3809CXGRFG bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS3809CXGRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3809CXGRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3809CXGRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3809CXGRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3809CXGRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3809CXGRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3809CXGRFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3809CXGRFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS3809/3810 Series
Taiwan Semiconductor
Document Number: DS_P0000206
1
Version: E15
Microprocessor Reset Circuit
GENERAL DESCRIPTION
The TS3809/3810 series are used for microprocessor
(µP) supervisory circuits to monitor the power supplies
in µP and digital systems. They provide excellent circuit
reliability
and
low
cost
by
eliminating
external
components and adjustments when used with +5V,
+3.3V, +3.0V, +2.5V powered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at least
200ms after VCC has risen above the reset threshold.
Reset thresholds suitable for operation with a variety of
supply voltages are available. TS3809/3810 series have
push pull outputs. TS3809 series has an active low
RESET output, while the TS3810 has an active high
RESET output The reset comparator is designed to
ignore fast transients on VCC, and the outputs are
guaranteed to be in the correct logic state for VCC down
to 1.0V. Low supply current makes TS3809/3810 series
ideal for use in portable equipment.
FEATURES
High Accurate
±2%
Precision monitoring of +3V, +3.3V, and +5V
Power supply voltage
Fully specified over temperature
Available in three output configurations
Push-Pull RESET low output (TS3809)
Push-Pull (RESET) high output (TS3810)
200ms typ. Power-on reset pulse width
25µs supply current
Guaranteed reset valid to VCC=+1V
Power supply transient immunity
APPLICATION
Battery-operated systems and controllers
Intelligent instruments
Critical µP and µC power monitoring
Portable / Battery powered equipment
Automotive
SOT-23
Pin Definition
TS3809
1.
GND
2.
RESET
3.
VCC
TS3810
1.
GND
2.
(RESET)
3.
VCC
TYPICAL APPLICATIN CIRCUIT


Số phần tương tự - TS3809CXGRFG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS3809CXG TSC-TS3809CXG Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
More results

Mô tả tương tự - TS3809CXGRFG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com