công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS103 bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS103
Giải thích chi tiết về linh kiện  Dual Operational Amplifiers And Voltage Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS103 bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS103_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS103_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS103_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS103_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS103_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS103_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS103
Dual Operational Amplifiers And
Voltage Reference
1/6
Version: C12
SOP-8
General Description
The TS103 is a monolithic IC specifically designed to control the output current and voltage levels of switch mode
battery chargers and power supplies. The device contains two operational amplifiers and a precision shunt
regulator. Op Amp 1 is designed for voltage control, whose non-inverting input internally connects to the output of
the shunt regulator. Op Amp 2 is for current control with both inputs uncommitted. The IC offers the power
converter designer a control solution that features increased precision with a corresponding reduction in system
complexity and cost.
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Power Supply Voltage (V
CC
to GND)
V
CC
20
V
Op Amp 1 and 2 Input Voltage Range (Pins 2,5,6)
V
IN
-0.3 to V
CC
+0.3
V
Op Amp 2 Input Differential Voltage (Pins 5,6)
V
ID
20
V
Voltage Reference Cathode Current (Pin 3)
I
K
100
mA
Power Dissipation
P
D
500
mW
Storage Temperature Range
T
STG
-65 to 150
°C
ESD Protection Voltage (Machine Model)
--
≥200
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings " may cause permanent damage
to the device. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to
"Absolute Maximum Ratings " for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Min.
Max.
Unit
Supply Voltage
3
18
V
Ambient Temperature
-40
85
°C
Features
Input Offset Voltage: 0.5mV
Supply Current: 250uA per OP AMP @ 5V
Unity Gain Bandwidth: 1MHz
Output Voltage Swing: 0~(Vcc – 1.5) V
Power Supply Voltage: 3~18V
Fixed Output Voltage Reference: 2.5V±1%
Sink Current Capability from 0.2~80mA
Block Diagram
Ordering Information
Part No.
Package
Packing
TS103CS RLG
SOP-8
2.5Kpcs / 13” Reel
TS103ACS RLG
SOP-8
2.5Kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Pin assignment:
1. Output A
8. Vcc
2. Input A (-)
7. Output B
3. Input A (+) / Vka
6. Input B (-)
4. Gnd
5. Input B (+)


Số phần tương tự - TS103_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS1035 STMICROELECTRONICS-TS1035 Datasheet
164Kb / 5P
   TS135 thur TS1235 THYRISTORS
logo
Taiwan Semiconductor Co...
TS103A TSC-TS103A Datasheet
365Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
More results

Mô tả tương tự - TS103_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103 Datasheet
365Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com