công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1400DL bảng dữ liệu(PDF) 7 Page - Vishay Siliconix

tên linh kiện SI1400DL
Giải thích chi tiết về linh kiện  N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1400DL bảng dữ liệu(HTML) 7 Page - Vishay Siliconix

Back Button SI1400DL_15 Datasheet HTML 2Page - Vishay Siliconix SI1400DL_15 Datasheet HTML 3Page - Vishay Siliconix SI1400DL_15 Datasheet HTML 4Page - Vishay Siliconix SI1400DL_15 Datasheet HTML 5Page - Vishay Siliconix SI1400DL_15 Datasheet HTML 6Page - Vishay Siliconix SI1400DL_15 Datasheet HTML 7Page - Vishay Siliconix SI1400DL_15 Datasheet HTML 8Page - Vishay Siliconix SI1400DL_15 Datasheet HTML 9Page - Vishay Siliconix SI1400DL_15 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN813
Vishay Siliconix
www.vishay.com
2
Document Number: 71236
12-Dec-03
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(the Package Performance)
Thermal performance for the 3-pin SC-70 measured as
junction-to-foot thermal resistance is 285_C/W typical,
340_C/W maximum. Junction-to-foot thermal resistance for
the 6-pin SC70-6 is 105_C/W typical, 130_C/W maximum —
a nearly two-thirds reduction compared with the 3-pin device.
The “foot” is the drain lead of the device as it connects with the
body. This improved performance is obtained by the increase
in drain leads from one to four on the 6-pin SC-70. Note that
these numbers are somewhat higher than other LITTLE FOOT
devices due to the limited thermal performance of the Alloy 42
lead-frame compared with a standard copper lead-frame.
Junction-to-Ambient Thermal Resistance
(dependent on PCB size)
The typical RθJAfor the single 3-pin SC-70 is 360_C/W steady
state, compared with 180_C/W for the 6-pin SC-70. Maximum
ratings are 430_C/W for the 3-pin device versus 220_C/W for
the 6-pin device. All figures are based on the 1-inch square
FR4 test board.The following table shows how the thermal
resistance impacts power dissipation for the two different
pin-outs at two different ambient temperatures.
SC-70 (3-PIN)
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
360oC W
PD + 347 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
360oC W
PD + 250 mW
SC-70 (6-PIN)
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
180oC W
PD + 694 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
180oC W
PD + 500 mW
NOTE: Although they are intended for low-power applications,
devices in the 6-pin SC-70 will handle power dissipation in
excess of 0.5 W.
Testing
To aid comparison further, Figures 3 and 4 illustrate
single-channel SC-70 thermal performance on two different
board sizes and two different pad patterns. The results display
the thermal performance out to steady state and produce a
graphic account of the thermal performance variation between
the two packages. The measured steady state values of RθJA
for the single 3-pin and 6-pin SC-70 are as follows:
LITTLE FOOT SC-70
3-Pin
6-Pin
1) Minimum recommended pad pattern
(see Figure 4) on the EVB.
410.31_C/W
329.7_C/W
2) Industry standard 1” square PCB with
maximum copper both sides.
360_C/W
211.8_C/W
The results show that designers can reduce thermal
resistance RθJA on the order of 20% simply by using the 6-pin
device rather than the 3-pin device. In this example, a 80_C/W
reduction was achieved without an increase in board area. If
increasing board size is an option, a further 118_C/W reduction
could be obtained by utilizing a 1-inch square PCB area.
Time (Secs)
FIGURE 3.
Comparison of SC70-3 and SC70-6 on EVB
0
1
400
80
160
100
1000
240
10
10-1
10-2
10-3
10-4
10-5
0.5 in x 0.6 in EVB
3-pin
320
Time (Secs)
FIGURE 4.
Comparison of SC70-3 and SC70-6 on 1”
Square FR4 PCB
0
1
400
80
160
100
1000
240
10
10-1
10-2
10-3
10-4
10-5
1” Square FR4 PCB
320
6-pin
3-pin
6-pin


Số phần tương tự - SI1400DL_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1400DL-T1 VISHAY-SI1400DL-T1 Datasheet
124Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S10-0721-Rev. D, 29-Mar-10
SI1400DL-T1-E3 VISHAY-SI1400DL-T1-E3 Datasheet
124Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S10-0721-Rev. D, 29-Mar-10
logo
VBsemi Electronics Co.,...
SI1400DL-T1-GE3 VBSEMI-SI1400DL-T1-GE3 Datasheet
1,009Kb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Mô tả tương tự - SI1400DL_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com