công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5400G bảng dữ liệu(PDF) 3 Page - Diodes Incorporated

tên linh kiện 1N5400G
Giải thích chi tiết về linh kiện  3.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5400G bảng dữ liệu(HTML) 3 Page - Diodes Incorporated

  1N5400G_15 Datasheet HTML 1Page - Diodes Incorporated 1N5400G_15 Datasheet HTML 2Page - Diodes Incorporated 1N5400G_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N5400G – 1N5408G
Document number: DS29003 Rev. 8 - 2
3 of 3
www.diodes.com
April 2012
© Diodes Incorporated
1N5400G - 1N5408G
Package Outline Dimensions
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2012, Diodes Incorporated
www.diodes.com
DO-201AD
Dim
Min
Max
A
25.40
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Số phần tương tự - 1N5400G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rugao Dachang Electroni...
1N5400G DACHANG-1N5400G_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
logo
GOOD-ARK Electronics
1N5400G GOOD-ARK-1N5400G_15 Datasheet
123Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
More results

Mô tả tương tự - 1N5400G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zibo Seno Electronic En...
PG5400 ZSELEC-PG5400 Datasheet
128Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N5400G DIODES-1N5400G_1 Datasheet
65Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. 6 - 2
1N5400G DIODES-1N5400G Datasheet
59Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. D-2
1N5400G DIODES-1N5400G_12 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
T3A05G TAITRON-T3A05G Datasheet
169Kb / 5P
   3.0A Glass Passivated Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
   3.0A Sintered Glass Passivated Rectifier
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com