công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12P4S-M3-86A bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện SS12P4S-M3-86A
Giải thích chi tiết về linh kiện  SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS12P4S-M3-86A bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  SS12P4S-M3-86A Datasheet HTML 1Page - Vishay Siliconix SS12P4S-M3-86A Datasheet HTML 2Page - Vishay Siliconix SS12P4S-M3-86A Datasheet HTML 3Page - Vishay Siliconix SS12P4S-M3-86A Datasheet HTML 4Page - Vishay Siliconix SS12P4S-M3-86A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS12P4S
www.vishay.com
Vishay General Semiconductor
Revision: 17-Jan-14
1
Document Number: 89127
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
TYPICAL APPLICATIONS
For use in solar cell junction box as a bypass diode for
protection, using DC forward current without reverse bias.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Guardring for overvoltage protection
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test
Notes
(1) Mounted on 30 mm x 30 mm Al PCB with 50 mm x 25 mm x 100 mm fin heat sink
(2) Free air, mounted on recommended copper pad area
(3) Meets the requirements of IEC 61215 Ed. 2 bypass diode thermal test
PRIMARY CHARACTERISTICS
IF(AV)
12 A
VRRM
40 V
IFSM
280 A
EAS
20 mJ
VF at IF = 12 A
0.43 V
TJ max.
150 °C
Package
TO-277A (SMPC)
Diode variations
Single die
K
2
1
TO-277A (SMPC)
eSMP
® Series
Anode 1
Anode 2
Cathode
K
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS12P4S
UNIT
Device marking code
124S
Maximum repetitive peak reverse voltage
VRRM
40
V
Maximum DC forward current (fig. 1)
IF
12 (1)
4.4 (2)
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
280
A
Non-repetitive avalanche energy at IAS = 2.0 A, TJ = 25 °C
EAS
20
mJ
Operating junction and storage temperature range
TOP, TSTG
-55 to +150
°C
Junction temperature in DC forward current without reverse bias, t
 1 h (3)
TJ
 200
°C


Số phần tương tự - SS12P4S-M3-86A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SS12P4S-M3-86A VISHAY-SS12P4S-M3-86A Datasheet
91Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-May-11
More results

Mô tả tương tự - SS12P4S-M3-86A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SS15P3S VISHAY-SS15P3S_V01 Datasheet
110Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
01-Jan-2022
V10P45S VISHAY-V10P45S_13 Datasheet
86Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 19-Apr-11
SS12P4S VISHAY-SS12P4S Datasheet
91Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-May-11
V10P45S-M3 VISHAY-V10P45S-M3_15 Datasheet
81Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 28-Nov-13
SS15P3S-M386A VISHAY-SS15P3S-M386A Datasheet
92Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 13-May-11
SS12P4S VISHAY-SS12P4S_15 Datasheet
83Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-Jan-14
SS15P3S VISHAY-SS15P3S_15 Datasheet
88Kb / 6P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 12-Dec-13
SS15P3S VISHAY-SS15P3S Datasheet
92Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 13-May-11
V10P45S VISHAY-V10P45S Datasheet
86Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 19-Apr-11
SS12P4S VISHAY-SS12P4S_V01 Datasheet
104Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com