công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCL101A-TR bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện MCL101A-TR
Giải thích chi tiết về linh kiện  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL101A-TR bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  MCL101A-TR Datasheet HTML 1Page - Vishay Siliconix MCL101A-TR Datasheet HTML 2Page - Vishay Siliconix MCL101A-TR Datasheet HTML 3Page - Vishay Siliconix MCL101A-TR Datasheet HTML 4Page - Vishay Siliconix MCL101A-TR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MCL101A, MCL101B, MCL101C
www.vishay.com
Vishay Semiconductors
Rev.1.5, 09-May-12
1
Document Number: 85627
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: MicroMELF
Weight: approx. 12 mg
Cathode band color: black
Packaging codes/options:
TR3/10K per 13" reel (8 mm tape), 10K/box
TR/2.5K per 7" reel (8 mm tape), 12.5K/box
FEATURES
• Integrated
protection
ring
against
static
discharge
• Low capacitance
• Low leakage current
• Low forward voltage drop
• AEC-Q101 qualified
• Material
categorization:
For
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• HF-detector
• Protection circuit
• Diode for low currents with a low supply voltage
• Small battery charger
• Power supplies
• DC/DC converter for notebooks
PARTS TABLE
PART
TYPE DIFFERENTATION
ORDERING CODE
INTERNAL
CONSTRUCTION
REMARKS
MCL101A
VR = 60 V, VF at IF 1 mA max. 410 mV
MCL101A-TR3 or MCL101A-TR
Single diode
Tape and reel
MCL101B
VR = 50 V, VF at IF 1 mA max. 400 mV
MCL101B-TR3 or MCL101B-TR
Single diode
Tape and reel
MCL101C
VR = 40 V, VF at IF 1 mA max. 390 mV
MCL101C-TR3 or MCL101C-TR
Single diode
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage
MCL101A
VR
60
V
MCL101B
VR
50
V
MCL101C
VR
40
V
Peak forward surge current
tp = 10 μs
IFSM
2A
Repetitive peak forward current
IFRM
150
mA
Forward continuous current
IF
30
mA
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C


Số phần tương tự - MCL101A-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCL101A-TR VISHAY-MCL101A-TR Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
MCL101A-TR VISHAY-MCL101A-TR Datasheet
122Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.3, 07-Mar-06
MCL101A-TR VISHAY-MCL101A-TR Datasheet
164Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 05-Aug-10
MCL101A-TR3 VISHAY-MCL101A-TR3 Datasheet
122Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.3, 07-Mar-06
MCL101A-TR3 VISHAY-MCL101A-TR3 Datasheet
164Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 05-Aug-10
More results

Mô tả tương tự - MCL101A-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com