công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4933G bảng dữ liệu(PDF) 1 Page - Leshan Radio Company

tên linh kiện 1N4933G
Giải thích chi tiết về linh kiện  Plastic package has Underwriters Laboratory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4933G bảng dữ liệu(HTML) 1 Page - Leshan Radio Company

  1N4933G_15 Datasheet HTML 1Page - Leshan Radio Company 1N4933G_15 Datasheet HTML 2Page - Leshan Radio Company 1N4933G_15 Datasheet HTML 3Page - Leshan Radio Company 1N4933G_15 Datasheet HTML 4Page - Leshan Radio Company 1N4933G_15 Datasheet HTML 5Page - Leshan Radio Company 1N4933G_15 Datasheet HTML 6Page - Leshan Radio Company 1N4933G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.34 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
1N49
33G
1N49
34G
1N49
35G
1N49
36G
1N49
37G
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
V
Maximum RMS voltage
VRMS
35
70
140
280
420
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
1N49
33G
1N49
34G
1N49
35G
1N49
36G
1N49
37G
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 125°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
–50 to +150
1.2
5.0
100
150
15
100
55
1.0
1N4933G thru 1N4937G
30
Reverse Voltage 50 to 600V
Forward Current 1.0A
Glass Passivated Junction
Fast Recovery Rectifiers
LESHAN RADIO COMPANY, LTD.
1/3


Số phần tương tự - 1N4933G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Compact Technology Corp...
1N4933G CTC-1N4933G_15 Datasheet
64Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Diodes Incorporated
1N4933G DIODES-1N4933G_15 Datasheet
85Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Rugao Dachang Electroni...
1N4933G DACHANG-1N4933G_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
logo
GOOD-ARK Electronics
1N4933G GOOD-ARK-1N4933G_15 Datasheet
178Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
More results

Mô tả tương tự - 1N4933G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
DRS1M LRC-DRS1M_15 Datasheet
533Kb / 4P
   Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
HFM105 ETC2-HFM105 Datasheet
150Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Yea Shin Technology Co....
MBRL120S YEASHIN-MBRL120S Datasheet
813Kb / 10P
   Plastic package has Underwriters Laboratory
logo
Pan Jit International I...
EST1AF PANJIT-EST1AF Datasheet
142Kb / 5P
   Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
H31 ETC2-H31 Datasheet
126Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
EGP10A LRC-EGP10A_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
EGP10D LRC-EGP10D_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
1N4933 LRC-1N4933_15 Datasheet
200Kb / 7P
   Plastic package has Underwriters Laboratory
1N4934 LRC-1N4934_15 Datasheet
200Kb / 7P
   Plastic package has Underwriters Laboratory
EGP15A LRC-EGP15A_15 Datasheet
207Kb / 7P
   Plastic package has Underwriters Laboratory
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com