công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMBR0520T1G bảng dữ liệu(PDF) 1 Page - Leshan Radio Company

tên linh kiện LMBR0520T1G
Giải thích chi tiết về linh kiện  Surface Mount Schottky Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR0520T1G bảng dữ liệu(HTML) 1 Page - Leshan Radio Company

  LMBR0520T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBR0520T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBR0520T1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb-Free package is available
The Schottky Power Rectifier employs the Schottky Barrier principle with a
barrier metal that produces optimal forward voltage drop–reverse current
tradeoff. Ideally suited for low voltage, high frequency rectification, or as free
wheeling and polarity protection diodes in surface mount applications where
compact size and weight are critical to the system. This package provides an
alternative to the leadless 34 MELF style package. These state–of–the–art
devices have the following features:
• Guardring for Stress Protection
• Very Low Forward Voltage (0.38 V Max @ 0.5 A, 25°C)
• 125°C Operating Junction Temperature
• Epoxy Meets UL94, VO at 1/8″
• Package Designed for Optimal Automated Board Assembly
Mechanical Characteristics
• Reel Options: LMBR0520T1G = 3,000 per 7
reel / 8 mm tape.
Reel Options: LMBR0520T3G = 10,000 per
13
reel / 8 mm tape.
• Device Marking: B2
• Polarity Designator: Cathode Band
• Weight: 11.7 mg (approximately)
• Case: Epoxy, Molded
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
Volts
Average Rectified Forward Current (Rated VR) TL = 90°C
IF(AV)
0.5
Amps
Non–repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
5.5
Amps
Storage Temperature
Tstg
– 65 to +125
°C
Operating Junction Temperature
TJ
– 65 to +125
°C
Voltage Rate of Change (Rated VR)
dv/dt
1000
V/
µs
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Ambient (1)
R
θJA
340
°C/W
Thermal Resistance — Junction to Lead
R
θJL
150
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (2)
VF
TJ = 25°C
TJ = 100°C
Volts
Maximum Instantaneous Forward Voltage (2)
(iF = 0.1 Amps)
(iF = 0.5 Amps)
0.300
0.385
0.220
0.330
Maximum Instantaneous Reverse Current (2)
IR
TJ = 25°C
TJ = 100°C
mA
Maximum Instantaneous Reverse Current (2)
(VR = 10 V)
(Rated dc Voltage = 20 V)
75
µA
250
µA
5 mA
8 mA
(1) FR–4 or FR–5 = 3.5 x 1.5 inches using the Motorola minimum recommended footprint.
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2%.
SOD–123
LESHAN RADIO COMPANY, LTD.
LMBR0520T1G
Surface Mount Schottky Power Rectifier
Rev.O 1/3


Số phần tương tự - LMBR0520T1G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LMBR0520T1G LRC-LMBR0520T1G Datasheet
155Kb / 3P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
More results

Mô tả tương tự - LMBR0520T1G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com