công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KTB985 bảng dữ liệu(PDF) 1 Page - KEC(Korea Electronics)

tên linh kiện KTB985
Giải thích chi tiết về linh kiện  EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEC [KEC(Korea Electronics)]
Trang chủ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB985 bảng dữ liệu(HTML) 1 Page - KEC(Korea Electronics)

  KTB985 Datasheet HTML 1Page - KEC(Korea Electronics) KTB985 Datasheet HTML 2Page - KEC(Korea Electronics) KTB985 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999. 11. 30
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTB985
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
VOLTAGE REGULATORS, RELAY DRIVERS
LAMP DRIVERS, ELECTRICAL EQUIPMENT
FEATURES
Adoption of MBIT processes.
Low collector-to-emitter saturation voltage.
Fast switching speed.
Large current capacity and wide ASO.
Complementary to KTD1347.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE (1) Classification A:100 200, B:140 280, C:200 400
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Vollector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-3
A
Collector Current (Pulse)
ICP
-6
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX. UNIT.
Collector Cut-off Current
ICBO
VCB=-40V, IE=0
-
-
-1
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-1
DC Current Gain
hFE (1) (Note) VCE=-2V, IC=-100
100
-
400
hFE (2)
VCE=-2V, IC=-3A
35
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-2A, IB=-100
-
-0.35
-0.7
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-2A, IB=-100
-
-0.94
-1.2
V
Transition Frequency
fT
VCE=-10V, IC=-50
-
150
-
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1
-
39
-
Switching
Time
Turn-on Time
ton
-
70
-
nS
Storage Time
tstg
-
450
-
Fall Time
tf
-
35
-
IB2
470
25
5V
-25V
-10I 1=10I =I =1A
BB2
C
100
50
VR
IB1
PW=20
µs
DC 1%
R8
INPUT
<
=


Số phần tương tự - KTB985

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Foshan Blue Rocket Elec...
KTB985 FOSHAN-KTB985 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
logo
KEC(Korea Electronics)
KTB985 KEC-KTB985_15 Datasheet
371Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Mô tả tương tự - KTB985

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KTB1124 KEC-KTB1124 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTD1347 KEC-KTD1347 Datasheet
87Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
KTA1668 KEC-KTA1668 Datasheet
75Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
logo
Sanyo Semicon Device
2SB764 SANYO-2SB764_03 Datasheet
40Kb / 4P
   Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
2SB764 SANYO-2SB764 Datasheet
85Kb / 3P
   Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
First Silicon Co., Ltd
FTD1347 FS-FTD1347 Datasheet
115Kb / 2P
   VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTB1124 FS-FTB1124 Datasheet
487Kb / 2P
   VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTD1624 FS-FTD1624 Datasheet
1Mb / 2P
   VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
logo
KEC(Korea Electronics)
KTC4378 KEC-KTC4378 Datasheet
319Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)
KTA708 KEC-KTA708 Datasheet
76Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com