công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAR-F5QB-942M50-P2BB bảng dữ liệu(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện FAR-F5QB-942M50-P2BB
Giải thích chi tiết về linh kiện  SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-F5QB-942M50-P2BB bảng dữ liệu(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-F5QB-942M50-P2BB Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-942M50-P2BB Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-942M50-P2BB Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-942M50-P2BB Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-942M50-P2BB Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-942M50-P2BB Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-942M50-P2BB Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
HIGH FREQUENCY PRODUCTS
SAW Filter
FAR-F5QB-942M50-P2BB
Features
Item Summary
GSM900 , Rx, 403
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 5000 , 15000pcs
Products characteristics table
Temperature Range
-30 to +85℃
GSM
900
Use
GSM
Transmitting / Receiving
Rx Filter
Insertion Loss
1.6dB
Attenuation
28dB
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1.1mm +0.1:-0.1
W
0.9mm +0.1:-0.1
T
0.5mm max
2015.06.03
1 / 1


Số phần tương tự - FAR-F5QB-942M50-P2BB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
FAR-F5QB-881M50-P2BA TAIYO-YUDEN-FAR-F5QB-881M50-P2BA Datasheet
959Kb / 12P
   Please read this notice before using the TAIYO YUDEN products
FAR-F5QB-881M50-P2BG TAIYO-YUDEN-FAR-F5QB-881M50-P2BG Datasheet
959Kb / 12P
   Please read this notice before using the TAIYO YUDEN products
More results

Mô tả tương tự - FAR-F5QB-942M50-P2BB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com