công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LDTB123ELT1G bảng dữ liệu(PDF) 1 Page - Leshan Radio Company

tên linh kiện LDTB123ELT1G
Giải thích chi tiết về linh kiện  Bias Resistor Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTB123ELT1G bảng dữ liệu(HTML) 1 Page - Leshan Radio Company

  LDTB123ELT1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTB123ELT1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTB123ELT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
K5
2.2
2.2
3000/Tape & Reel
LESHAN RADIO COMPANY, LTD.
10000/Tape & Reel
We declare that the material of product compliance with
RoHS requirements.
LDTB123ELT1G
Inverter, Interface, Driver
Features
Applications
LDTB123ELT1G
LDTB123ELT3G
K5
2.2
2.2
Absolute maximum ratings (Ta=25
°C)
1
2
3
SOT-23
3
COLLECTOR
2
EMITTER
1
BASE
R1
R2
Limits
Parameter
Symbol
Unit
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on / off conditions need to be set for operation,
making the device design easy.
VCC
−50
−12 to +10
−500
200
150
−55 to +150
V
VIN
V
mA
mW
IC
PD
Tj
Tstg
C
C
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−3
1.54
39
0.8
−0.1
2.2
1
200
−0.5
−0.3
−3.8
−0.5
2.86
1.2
V
VCC
= −5V, IO= −100µA
VO
= −0.3V, IO= −20mA
IO/II
= −50mA/−2.5mA
VI
= −5V
VCC
= −50V, VI=0V
VO
= −5V, IO= −50mA
VCE
= −10V, IE= 50mA, f= 100MHz
V
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
Characteristics of built-in transistor
Rev.O 1/3
S-LDTB123ELT1G
S- Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
S-LDTB123ELT1G
S-LDTB123ELT3G


Số phần tương tự - LDTB123ELT1G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LDTB123ELT1G LRC-LDTB123ELT1G Datasheet
313Kb / 3P
   Bias Resistor Transistor
More results

Mô tả tương tự - LDTB123ELT1G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com