công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LDTA115EM3T5G bảng dữ liệu(PDF) 1 Page - Leshan Radio Company

tên linh kiện LDTA115EM3T5G
Giải thích chi tiết về linh kiện  PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA115EM3T5G bảng dữ liệu(HTML) 1 Page - Leshan Radio Company

  LDTA115EM3T5G_15 Datasheet HTML 1Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 2Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 3Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 4Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 5Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 6Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 7Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 8Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
1/
11
Bias Resistor Transistors
PNP Silicon Surface Mount Transistors
With Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base-emitter
resistor. The BRT eliminates these individual components by integrating
them into a single device. The use of a BRT can reduce both system
cost and board space. The device is housed in the SOT-723 package
which is designed for low power surface mount applications.
LDTA114EM3T5G
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
260 (Note 1)
600 (Note 2)
2.0 (Note 1)
4.8 (Note 2)
mW
Thermal Resistance –
Junction-to-Ambient
RθJA
480 (Note 1)
205 (Note 2)
°C/W
Junction and Storage
Temperature Range
TJ,Tstg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
xx
= Specific Device Code
M
= Date Code
MARKING DIAGRAM
3
2
1
XX M
mW/
°C
Simplifies Circuit Design
Reduces Component Count
The SOT-723 Package can be Soldered using Wave or Reflow.
Available in 4 mm, 8000 Unit Tape & Reel
Reduces Board Space
Series
SOT-723
1
2
3
We declare that the material of product compliance with
RoHS requirements.


Số phần tương tự - LDTA115EM3T5G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results

Mô tả tương tự - LDTA115EM3T5G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
logo
Shanghai Leiditech Elec...
LMUN21XXLT1G LEIDITECH-LMUN21XXLT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com