công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LDTA115EM3T5G bảng dữ liệu(PDF) 3 Page - Leshan Radio Company

tên linh kiện LDTA115EM3T5G
Giải thích chi tiết về linh kiện  PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA115EM3T5G bảng dữ liệu(HTML) 3 Page - Leshan Radio Company

  LDTA115EM3T5G_15 Datasheet HTML 1Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 2Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 3Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 4Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 5Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 6Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 7Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 8Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
3/11
LDTA114EM3T5G_Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
LDTA114EM3T5G
(VEB = 6.0 V, IC = 0)
LDTA124EM3T5G
LDTA144EM3T5G
LDTA114YM3T5G
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
LDTA143ZM3T5G
LDTA124XM3T5G
LDTA123JM3T5G
LDTA115EM3T5G
LDTA144WM3T5G
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3.)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 3.)
DC Current Gain
LDTA114EM3T5G
(VCE = 10 V, IC = 5.0 mA)
LDTA124EM3T5G
LDTA144EM3T5G
LDTA114YM3T5G
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
LDTA143ZM3T5G
LDTA124XM3T5G
LDTA123JM3T5G
LDTA115EM3T5G
LDTA144WM3T5G
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LDTA123EM3T5G
(IC = 10 mA, IB = 1 mA) LDTA114TM3T5G/LDTA143TM3T5G/
LDTA143ZM3T5G/LDTA124XM3T5G/LDTA143EM3T5G
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
LDTA114EM3T5G
LDTA124EM3T5G
LDTA114YM3T5G
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
LDTA143ZM3T5G
LDTA124XM3T5G
LDTA123JM3T5G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
LDTA144EM3T5G
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
LDTA115EM3T5G
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
LDTA144WM3T5G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
LDTA114TM3T5G
LDTA143TM3T5G
LDTA123EM3T5G
LDTA143EM3T5G
VOH
4.9
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Số phần tương tự - LDTA115EM3T5G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results

Mô tả tương tự - LDTA115EM3T5G_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
logo
Shanghai Leiditech Elec...
LMUN21XXLT1G LEIDITECH-LMUN21XXLT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com