công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UF1003 bảng dữ liệu(PDF) 1 Page - Compact Technology Corp.

tên linh kiện UF1003
Giải thích chi tiết về linh kiện  ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTC [Compact Technology Corp.]
Trang chủ  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF1003 bảng dữ liệu(HTML) 1 Page - Compact Technology Corp.

  UF1003 Datasheet HTML 1Page - Compact Technology Corp. UF1003 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Test condition of TRR:IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
UF1001 thru UF1007
FEATURES
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
Easily cleaned with Freon, Alcohol, Chlorothene and
similar solvents
Plastic material has UL flammabitily classification 94V-0
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.012 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
UF1003
200
140
200
UF1001
50
35
50
UF1007
1000
700
1000
UF1002
100
70
100
UF1006
800
560
800
UF1005
600
420
600
UF1004
400
280
400
Maximum Average Forward
Rectified Current
@TA
=55 C
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=100 C
@TJ=25 C
1.0
30
1.0
5
100
,TJ
TSTG
Storage / Operating Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
40
C/W
CJ
Typical Junction
Capacitance (Note 2)
20
pF
uA
V
A
A
V
UNIT
V
V
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
5.20
-
4.20
0.70
2.00
2.70
0.90
DO-41
A
C
D
A
B
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 1)
TRR
1.3
1.7
50
10
75
ns
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
ULTRA FAST RECTIFIERS
CTC0104 Ver. 2.0
1 of 2
UF1001 thru UF1007


Số phần tương tự - UF1003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
UF1003 PANJIT-UF1003 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1003 PANJIT-UF1003 Datasheet
86Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
UF1003 WTE-UF1003 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
UF1003 TAYCHIPST-UF1003 Datasheet
2Mb / 2P
   ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF1003 DIODES-UF1003 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
More results

Mô tả tương tự - UF1003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com