công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4002G bảng dữ liệu(PDF) 1 Page - Compact Technology Corp.

tên linh kiện 1N4002G
Giải thích chi tiết về linh kiện  GLASS PASSIVATED JUNCTION RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTC [Compact Technology Corp.]
Trang chủ  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1N4002G bảng dữ liệu(HTML) 1 Page - Compact Technology Corp.

  1N4002G Datasheet HTML 1Page - Compact Technology Corp. 1N4002G Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
3.Thermal Resistance Junction to Case at 9.5mm Lead Length.PCB Mounted JEDEC Registered Value.
GLASS PASSIVATED JUNCTION RECTIFIERS
FEATURES
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic
Polarity : Color band denotes cathode
Weight : 0.012 ounces, 0.34 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
1N4003G
200
140
200
1N4001G
50
35
50
1N4007G
1000
700
1000
1N4002G
100
70
100
1N4006G
800
560
800
1N4005G
600
420
600
1N4004G
400
280
400
Maximum Average Forward
Rectified Current
@TA
=75 C
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
1.0
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 2)
R0JA
55
C/W
CJ
Typical Junction
Capacitance (Note 1)
10
pF
IR
@TJ=100 C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25 C
5
50
uA
VF
Maximum forward Voltage at 1.0A DC
1.1
V
IFSM
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
30
A
A
V
UNIT
V
V
All Dimensions in millimeter
Max.
Min.
DO-41
Dim.
A
D
C
B
25.4
5.20
-
4.20
0.70
2.00
2.70
0.90
DO-41
A
C
D
A
B
CHARACTERISTICS
SYMBOL
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
1N4001G thru 1N4007G
CTC0166 Ver. 2.0
1 of 2
1N4001G thru 1N4007G
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
High temperature metallurgically bonded construction
Glass passivated cavity-free junction
Capable of meeting environmental standards of
MIL-S-19500
1.0 ampere operation at T
A=75
with no thermal runaway


Số phần tương tự - 1N4002G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Diotech Company.
1N4002G DIOTECH-1N4002G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
logo
DIOTEC Electronics Corp...
1N4002G DEC-1N4002G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
More results

Mô tả tương tự - 1N4002G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Surge Components
1N5391G-1N5399G SURGE-1N5391G-1N5399G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1_15 Datasheet
116Kb / 2P
   Glass Passivated Junction Rectifiers
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
15-Mar-02
logo
Compact Technology Corp...
1N4001G CTC-1N4001G Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Vishay Siliconix
GP10A VISHAY-GP10A Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
logo
Cystech Electonics Corp...
RL207G CYSTEKEC-RL207G Datasheet
161Kb / 3P
   Glass Passivated Junction Rectifiers
logo
Vishay Siliconix
GPP10A VISHAY-GPP10A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
18-Mar-02
logo
Compact Technology Corp...
CT2A01G CTC-CT2A01G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Surge Components
1N4001G-1N4007G SURGE-1N4001G-1N4007G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com