công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM199A bảng dữ liệu(PDF) 1 Page - Linear Technology |
|
LM199A bảng dữ liệu(HTML) 1 Page - Linear Technology |
1 / 8 page LM199/LM399 LM199A/LM399A 1 199399fc For more information www.linear.com/LM399 Typical applicaTion FeaTures DescripTion Precision Reference The LM199/LM399 precision shunt reference features excellent temperature stability over a wide range of volt- age, temperature and operating current conditions. A stabilizing heater is incorporated with the active Zener on a monolithic substrate which nearly eliminates changes in voltage with temperature. The subsurface Zener operates overacurrentrangeof0.5mAto10mA,andoffersminimal noise and excellent long-term stability. IdealapplicationsfortheLM199/LM399includedigitalvolt- meters, precision calibration equipment, current sources and a variety of other precision low cost references. A 10V buffered reference application is shown below. 10V Buffered Reference Reverse Voltage Change applicaTions L , LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. n Precision Voltage Reference for Multimeters n Calibration Equipment Voltage Standards n Laboratory Measurement Equipment n Industrial Monitor/Control Instruments n High Accuracy Data Converters n 6.95V Shunt Reference n Guaranteed 0.5ppm/°C Temperature Coefficient n Guaranteed 1 Ω Maximum Dynamic Impedance n Guaranteed 20µVRMS Maximum Noise n Guaranteed Initial Tolerance of 2% n Wide Operating Current Range n Available in 4-Lead TO-46 Metal Can 9k 0.1% 7.5k 5% 3 + – 1 4 2 6.95V 15V LM399H 20k 0.1% 2 7 4 6 10V 3 LM199 TA01a LT®1001 REVERSE CURRENT (mA) 0 3 4 5 6 10 LM199 TA01b 2 1 0 2 4 8 6 7 8 STABILIZED (TJ ≈ 90°C) TJ = 25°C |
Số phần tương tự - LM199A_15 |
|
Mô tả tương tự - LM199A_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |