công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KFM220M bảng dữ liệu(PDF) 1 Page - KEC(Korea Electronics)

tên linh kiện KFM220M
Giải thích chi tiết về linh kiện  SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR KOREAN PCS IF STAGE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEC [KEC(Korea Electronics)]
Trang chủ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KFM220M bảng dữ liệu(HTML) 1 Page - KEC(Korea Electronics)

  KFM220M Datasheet HTML 1Page - KEC(Korea Electronics) KFM220M Datasheet HTML 2Page - KEC(Korea Electronics) KFM220M Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Band pass filter for Korean PCS IF stage.
Low Insertion Loss.
Balanced or Unbalanced operation possible.
Source impedance : 50
single and matching circuit.
Load impedance : 500
balanced and matching circuit.
MAXIMUM RATING
SC-57
A
B
D
H
E
F
C
G
2.00MAX
5.00 0.15
7.00 0.15
DIM
MILLIMETERS
B
D
6
5
7
89
10
11
4
3
2
1
12
0.60
2.54
1.00
0.67
1.27
G
H
+_
+_
0.5 INDEX MARK
2001. 12. 14
1/3
SAW FILTER
TECHNICAL DATA
KFM220M
SPECIFICATIONS FOR SAW FILTER
Revision No : 1
K
M220
MARKING
Lot No.
ITEM
SYMBOL
RATING
UNIT
Input Signal Level
ISmax
10
dBm
DC Permissive Voltage
VDC
0
V
Operating Temperature Range
Topr
-30 +80
Storage Temperature Range
Tstg
-40 +85
ELECTRICAL CHARACTERISTICS
ITEMS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Nominal Center Frequency
fo
-
220.38
-
MHz
Insertion Loss
IL
-
8.0
9.5
dB
5 dB Lower Frequency
-
219. 67
219.75
MHz
5 dB Upper Frequency
-
221. 01
221. 14
-
MHz
33 dB Lower Frequency
-
219.13
219.26
-
MHz
33 dB Upper Frequency
-
-
221.57
221.63
MHz
Attenuation at 219.13MHz
*
ILSTOP
35
40
-
dB
Attenuation at 221.63MHz
*
35
39.8
-
dB
Attenuation at 218.33MHz
-
47
-
dB
Attenuation at 222.43MHz
-
46
-
dB
Ripple over the fo 0.300MHz
Arip
-
0.8
1.2
dB(P-P)
Phase Linearity at fo 0.615MHz
PL
-
1.2
3.5
deg rms
Ultimate Rejection
UR
-
50
dB
Source/Load Impedance **
-
-
50 /50
50 /500
-
note) "*" : Specified at 25
"**" : Can be used 50
to 1
with degradation in Insertion Loss.


Số phần tương tự - KFM220M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PACELEADER INDUSTRIAL
KFM20100C-D2 PACELEADER-KFM20100C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM20150C-D2 PACELEADER-KFM20150C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM20200C-D2 PACELEADER-KFM20200C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM2020C-D2 PACELEADER-KFM2020C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM2030C-D2 PACELEADER-KFM2030C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Mô tả tương tự - KFM220M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KFM210M KEC-KFM210M Datasheet
161Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR US PCS IF STAGE)
KFM85M KEC-KFM85M Datasheet
266Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR CDMA IF STAGE)
KFM110 KEC-KFM110 Datasheet
67Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THR IF CIRCUITS OF CORDLESS PHONE)
KF942FU KEC-KF942FU Datasheet
142Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF947FU KEC-KF947FU Datasheet
246Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF402BS KEC-KF402BS Datasheet
397Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF902FU KEC-KF902FU Datasheet
247Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF GSM)
KF402B KEC-KF402B Datasheet
177Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
logo
OKI electronic componet...
MBF9402B OKI-MBF9402B Datasheet
37Kb / 5P
   SAW Band Pass Filter for US-PCS
logo
KEC(Korea Electronics)
KF836FU KEC-KF836FU Datasheet
443Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com