công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F005006 bảng dữ liệu(PDF) 1 Page - Tripp Lite. All Rights Reserved

tên linh kiện F005006
Giải thích chi tiết về linh kiện  FireWire IEEE 1394 Cable (6pin-6pin M-M) 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

F005006 bảng dữ liệu(HTML) 1 Page - Tripp Lite. All Rights Reserved

  F005006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved F005006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FireWire IEEE 1394 Cable (6pin/6pin M/M) 6-ft.
MODEL NUMBER: F005-006
Description
Tripp Lite's new Firewire series is a perfect compliment to your connectivity solutions. This 6 ft. IEEE-1394 Firewire cable has 6-pin male to 6-pin male
connectors. It supports data transmission rates of 100~400Mbps and is most commonly used to connect a PC device to a PC device. Firewire cables have
gold-plated connectors and gold-plated copper contacts for superior conductivity; premium double-shielded cable with both a braid and a foil shield to virtually
eliminate crosstalk and reduce EMI/RFI interference.
Features
All Tripp Lite Firewire (IEEE 1394) cabling includes superior foil shielding for reliable error-free data communications.
Firewire cable meets IEEE 1394 standards as set by the institute of electrical and electronic engineers.
Premium quadruple-shielded cables with tinned copper braid and aluminum
Mylar foil on each twisted pair as well as on the cable as a whole.
Gold plated connectors provide superior conductivity.
Supports data transmission of 100~400Mbps
Specifications
OVERVIEW
Cable Type
FireWire
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
Highlights
Premium quadruple-shielded
cables with tinned copper braid
and aluminum mylar foil on each
twisted pair as well as on the
cable as a whole
Gold plated connectors provide
superior conductivity
Retail packaging
System Requirements
Two Firewire IEEE 1394 devices
each with 6 Pin Female
connectors.
Package Includes
6 Foot External Firewire (IEEE
1394) Cable 6 Pin to 6 Pin.
1 / 2


Số phần tương tự - F005006

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
F005015 TRIPPLITE-F005015 Datasheet
472Kb / 2P
   FireWire IEEE 1394 Cable (6pin-6pin M-M) 15-ft
More results

Mô tả tương tự - F005006

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
F005-015 TRIPPLITE-F005-015 Datasheet
154Kb / 2P
   FireWire IEEE 1394 Cable (6pin/6pin M/M) 15-ft.
F005015 TRIPPLITE-F005015 Datasheet
472Kb / 2P
   FireWire IEEE 1394 Cable (6pin-6pin M-M) 15-ft
F005-006 TRIPPLITE-F005-006 Datasheet
479Kb / 4P
   FireWire IEEE 1394 Cable (6pin/6pin) 6-ft
F007006 TRIPPLITE-F007006 Datasheet
472Kb / 2P
   FireWire IEEE 1394 Cable (6pin-4pin M-M) 6-ft.
F007003 TRIPPLITE-F007003 Datasheet
471Kb / 2P
   FireWire IEEE 1394 Cable (6pin/4pin M-M) 3-ft
F007015 TRIPPLITE-F007015 Datasheet
470Kb / 2P
   FireWire IEEE 1394 Cable (6pin-4pin M-M) 15-ft
F017-006 TRIPPLITE-F017-006 Datasheet
158Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 6-ft.
F017006 TRIPPLITE-F017006 Datasheet
486Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 6-ft
F017010 TRIPPLITE-F017010 Datasheet
486Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 10-ft
F009006 TRIPPLITE-F009006 Datasheet
474Kb / 2P
   FireWire IEEE 1394 Cable (4pin-4pin M-M) 6-ft
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com