công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U18680EJ1V0PM00 bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện U18680EJ1V0PM00
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

U18680EJ1V0PM00 bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button U18680EJ1V0PM00_15 Datasheet HTML 7Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 8Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 9Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 10Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 11Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 12Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 13Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 14Page - Renesas Technology Corp U18680EJ1V0PM00_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Preliminary Product Information U18680EJ1V0PM00
9
µ PD78F9221CS, 78F9222CS
1.3
Pin I/O Circuits and Connection of Unused Pins
Table 1-1 shows I/O circuit type of each pin and the connections of unused pins.
For the configuration of the I/O circuit of each type, refer to Figure 1-1.
Table 1-1. Types of Pin I/O Circuits and Connection of Unused Pins
Pin Name
I/O Circuit Type
I/O
Recommended Connection of Unused Pin
P20/ANI0 to P23/ANI3
11
Input:
Independently connect to AVREF or VSS via a resistor.
Output: Leave open.
P30/TI000/INTP0
P31/TI010/TO00/INTP2
8-A
I/O
Input:
Independently connect to VDD or VSS via a resistor.
Output: Leave open.
P34/RESET
2
Input
Connect to VDD via a resistor.
P40
P41/INTP3
P42/TOH1
P43/TxD6/INTP1
P44/RxD6
P45
8-A
Input:
Independently connect to VDD or VSS via a resistor.
Output: Leave open.
P121/X1
P122/X2
16-B
Input:
Independently connect to VSS via a resistor.
Output: Leave open.
P123
8-A
I/O
Input:
Independently connect to VDD or VSS via a resistor.
Output: Leave open.
P130
3-C
Output
Leave open.
AVREF
Input
Directly connect to VDD.


Số phần tương tự - U18680EJ1V0PM00_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
U18 UTC-U18 Datasheet
240Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
U18 UTC-U18 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
logo
C&K Components
U18 CK-COMPONENTS-U18 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Unisonic Technologies
U18-G03-D-K UTC-U18-G03-D-K Datasheet
240Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
U18-G03-K UTC-U18-G03-K Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
More results

Mô tả tương tự - U18680EJ1V0PM00_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com