công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRLZ44NL bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện IRLZ44NL
Giải thích chi tiết về linh kiện  Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44NL bảng dữ liệu(HTML) 1 Page - International Rectifier

  IRLZ44NL Datasheet HTML 1Page - International Rectifier IRLZ44NL Datasheet HTML 2Page - International Rectifier IRLZ44NL Datasheet HTML 3Page - International Rectifier IRLZ44NL Datasheet HTML 4Page - International Rectifier IRLZ44NL Datasheet HTML 5Page - International Rectifier IRLZ44NL Datasheet HTML 6Page - International Rectifier IRLZ44NL Datasheet HTML 7Page - International Rectifier IRLZ44NL Datasheet HTML 8Page - International Rectifier IRLZ44NL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRLZ44NS/L
HEXFET® Power MOSFET
PD - 91347D
l Advanced Process Technology
l Surface Mount (IRLZ44NS)
l Low-profile through-hole (IRLZ44NL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
47
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
33
A
IDM
Pulsed Drain Current
…
160
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy
‚…
210
mJ
IAR
Avalanche Current

25
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRLZ44NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.022Ω
ID = 47A
2
D
P ak
TO-26 2
S
D
G
5/11/98
l Logic-Level Gate Drive


Số phần tương tự - IRLZ44NL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRLZ44NL IRF-IRLZ44NL Datasheet
189Kb / 11P
   Logic-Level Gate Drive
More results

Mô tả tương tự - IRLZ44NL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRLZ44N IRF-IRLZ44N Datasheet
369Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com