công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS14 bảng dữ liệu(PDF) 1 Page - Mercury United Electronics Inc

tên linh kiện GS14
Giải thích chi tiết về linh kiện  Dip type True Sine wave
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MERCURY [Mercury United Electronics Inc]
Trang chủ  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

GS14 bảng dữ liệu(HTML) 1 Page - Mercury United Electronics Inc

  GS14 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Harmonics
< - 30dBc ( frequency dependent )
50Ω. ( Internally AC coupled )
Initial Freq. Accuracy ( at 25 °C )
Standard : + 3.0 dBm ( min. ) ; Tolerance : ± 1.0 dBm
To tune to the nomial frequency with Vc = 1.65V ± 0.2V
Frequency Deviation Range
Standard : ± 80 ppm ( min. )
Control Voltage Center / Control Voltage Range
1.65 VDC / 0.3V to 3.0V
10.0 ~ 800.0 MHz
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
-132
-128
-132
-135
Outline Dimensions ( Unit : mm )
Phase Noise ( typical ) [ 27.0 MHz at 3.3V ]
Offset
10 Hz
-125
Maxmum Power : + 7.0 dBm User to specify
Output Level
10.0 MHz : 9 mA
100.0 MHz : 18 mA
150.0 MHz : 19 mA
VCXO [ Voltage Controlled Crystal Oscillators ]
GS14 series 3.3 V
General Specifications
Applications :
High purity and low total harmonic distortion. Ideal for audio applications
Commercial ( -10°C to +70°C )
AB
C
Aging
± 3 ppm per year (max.)
Frequency Stability
(1) Codes
Frequency Stability over
EF
" I20 " ± 20 ppm over -40°C to +85°C
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Industrial ( -40°C to +85°C )
D
± 50 ppm ± 100 ppm
If non-standard , please enter the
Operating Temperature Range
desired stability after the " C " or " I "
Mercury www .mercury-crystal.com
10 KHz 100KHz 1 MHz 10 MHz
-110
100 Hz
1K Hz
dBc / Hz
-75
20.2 x 12.8 x 6.0 mm
Dip type True Sine wave
Linearity
> 10 K Ω
Modulation Bandwidth ( at -3 dB)
10 KHz ( min.)
Storage Temperature
- 50°C to 100°C
± 25 ppm
±10 % ( max.)
Load
Voltage Control Range
0.0 V to VDD with control voltage center at 50% of VDD
Current Consumption ( typical )
Start - Up Time (Ts)
6.0 m sec. ( typical )
Input Impedance
Output Wave Form
True Sine wave output
Paramenters
Electrical Spec.
Input Voltage ( VDD)
3.3 V ± 5 %
Frequency Range


Số phần tương tự - GS14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EUROQUARTZ limited
GS14 EUROQUARTZ-GS14 Datasheet
90Kb / 1P
   14 pin Dual-inLine Sine Wave VCXO
logo
KOA Speer Electronics, ...
GS14DC106D KOA-GS14DC106D Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
GS14DC106F KOA-GS14DC106F Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
GS14DC106G KOA-GS14DC106G Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
GS14DC106J KOA-GS14DC106J Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
More results

Mô tả tương tự - GS14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mercury United Electron...
GSR8 MERCURY-GSR8 Datasheet
104Kb / 1P
   Dip type True Sine wave
GSR14 MERCURY-GSR14 Datasheet
104Kb / 1P
   Dip type True Sine wave
GSR43 MERCURY-GSR43 Datasheet
102Kb / 1P
   SMD True Sine wave
GSR57 MERCURY-GSR57 Datasheet
103Kb / 1P
   SMD True Sine wave
GSR42 MERCURY-GSR42 Datasheet
103Kb / 1P
   SMD True Sine wave
GSR53 MERCURY-GSR53 Datasheet
103Kb / 1P
   SMD True Sine wave
GSR62 MERCURY-GSR62 Datasheet
102Kb / 1P
   SMD True Sine wave 6 pads
logo
Mean Well Enterprises C...
TS-3000 MEANWELL-TS-3000_12 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000_11 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000_1012 MEANWELL-TS-3000_1012 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com