công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BTB24-800CW bảng dữ liệu(PDF) 1 Page - Kersemi Electronic Co., Ltd. |
|
BTB24-800CW bảng dữ liệu(HTML) 1 Page - Kersemi Electronic Co., Ltd. |
1 / 11 page BTA24, BTB24, BTA25, BTA26 and T25 series Snuberrless™ and Standard 25 A Triacs Main features Description Available either in through-hole or surface-mount packages, the BTA24, BTB24, BTA25, BTA26 and T25 triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ... The snubberless versions (BTA/BTB...W and T25 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500VRMS) complying with UL standards (File ref.: E81734). Order codes Symbol Value Unit IT(RMS) 25 A VDRM/VRRM 600 and 800 V IGT (Q 1) 35 to 50 mA Part Number Marking BTA24-xxxxxRG See Table 6 on page 6 BTB24-xxxxxRG BTA25-xxxxxRG BTA26-xxxxxRG T25xx-xxxG T25xx-xxxG-TR D2PAK (T25-G) RD91 (BTA25) TOP3 Insulated (BTA26) TO-220AB Insulated (BTA24) TO-220AB (BTB24) A2 A1 G 2014-6-16 www.kersemi.com 1 |
Số phần tương tự - BTB24-800CW |
|
Mô tả tương tự - BTB24-800CW |