công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM10150D1 bảng dữ liệu(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

tên linh kiện SM10150D1
Giải thích chi tiết về linh kiện  10.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECOS [SeCoS Halbleitertechnologie GmbH]
Trang chủ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM10150D1 bảng dữ liệu(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM10150D1_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM10150D1_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM10150D1
Voltage 150 V
10.0 Amp Schottky Barrier Rectifiers
27-Mar-2014 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 0.7 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
150
V
Maximum RMS Voltage
VRMS
105
V
Maximum DC Blocking Voltage
VDC
150
V
Per Leg
5
A
Maximum Average Forward
Rectified Current
Per Device
IF
10
A
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
100
A
Maximum Instantaneous Forward Voltage @ 5A
VF
0.87
V
TA=25°C
0.2
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA=100°C
IR
2
mA
Typical Junction Capacitance
1
CJ
250
pF
Typical Thermal Resistance
2
RθJC
10
°C/W
Operating Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case. FR4 Board Heat sink size: 10*10*0.2mm.
TO-252 (D-Pack)
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.30 REF.
B
4.95
5.50
K
0.64
1.14
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.80 REF
P
0.58REF.
G
5.40
6.40
H
0.60
1.20


Số phần tương tự - SM10150D1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SM10150D1 SECOS-SM10150D1 Datasheet
105Kb / 2P
   10A Schottky Barrier Rectifiers
More results

Mô tả tương tự - SM10150D1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
   10.0 Amp. Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF1040-40V-ITO-220AC DGNJDZ-SRF1040-40V-ITO-220AC Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR10150F SECOS-MBR10150F_15 Datasheet
85Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_15 Datasheet
251Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com