công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM10150C bảng dữ liệu(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

tên linh kiện SM10150C
Giải thích chi tiết về linh kiện  10 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECOS [SeCoS Halbleitertechnologie GmbH]
Trang chủ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM10150C bảng dữ liệu(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM10150C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM10150C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I =10 Amps,T = 25 C)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
10
0.02
10
V
V
A
A
V
mA
mA
pF
Typical Thermal Resistance R
θJC (Note 2)
12
-50
+150
-65
+175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
S
M10150C
150
150
150
20
0
F
F
Maximum Instantaneous Forward Voltage (I
F
= 10 Amps,TF=125 C
350
0.75
0.89
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 1.10 grams(Approximately)
Any changing of specification will not be informed individual
SM10150C
VOLTAGE 150V
10
Amp Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SMC
01-Jun-2002 Rev. A
Page 1 of 2
.320(8.13)
.305(7.75)
.280(7.11)
.260(6.60)
.012(0.31)
.006(0.15)
.124(3.15)
.108(2.75)
.103(2.62)
.079(2.00)
.050(1.27)
.030(0.76)
.245(6.22)
.220(5.59)
.008
(.203)MAX.
Dimensions in inches and (millimeters)
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Số phần tương tự - SM10150C_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SM10150C SECOS-SM10150C Datasheet
266Kb / 2P
   10 Amp Schottky Barrier Rectifiers
More results

Mô tả tương tự - SM10150C_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
MS1002 MICROSEMI-MS1002 Datasheet
131Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SRF10150CT GWSEMI-SRF10150CT Datasheet
70Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR10150S SECOS-SR10150S_15 Datasheet
240Kb / 2P
   10 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1680 UNIOHM-SR1680 Datasheet
69Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR1020D GWSEMI-SR1020D Datasheet
66Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10150C SECOS-SM10150C Datasheet
266Kb / 2P
   10 Amp Schottky Barrier Rectifiers
SR10200S SECOS-SR10200S Datasheet
208Kb / 2P
   10 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1080 UNIOHM-SR1080 Datasheet
68Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR10150CT GWSEMI-SR10150CT Datasheet
70Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMPB1020 SECOS-SMPB1020_15 Datasheet
277Kb / 2P
   10 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com