công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC324X bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADC324X
Giải thích chi tiết về linh kiện  The ADC324x are a high-linearity
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC324X bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADC324X Datasheet HTML 1Page - Texas Instruments ADC324X Datasheet HTML 2Page - Texas Instruments ADC324X Datasheet HTML 3Page - Texas Instruments ADC324X Datasheet HTML 4Page - Texas Instruments ADC324X Datasheet HTML 5Page - Texas Instruments ADC324X Datasheet HTML 6Page - Texas Instruments ADC324X Datasheet HTML 7Page - Texas Instruments ADC324X Datasheet HTML 8Page - Texas Instruments ADC324X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
ADC3241, ADC3242, ADC3243, ADC3244
SBAS671B – JULY 2014 – REVISED MARCH 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
6-9, 12, 17, 20, 25,
AVDD
I
Analog 1.8-V power supply
28-30
CLKM
18
I
Negative differential clock input for the ADC
CLKP
19
I
Positive differential clock input for the ADC
DA0M
48
O
Negative serial LVDS output for channel A0
DA0P
47
O
Positive serial LVDS output for channel A0
DA1M
46
O
Negative serial LVDS output for channel A1
DA1P
45
O
Positive serial LVDS output for channel A1
DB0M
40
O
Negative serial LVDS output for channel B0
DB0P
39
O
Positive serial LVDS output for channel B0
DB1M
38
O
Negative serial LVDS output for channel B1
DB1P
37
O
Positive serial LVDS output for channel B1
DCLKM
44
O
Negative bit clock output
DCLKP
43
O
Positive bit clock output
DVDD
2, 4, 33, 35
I
Digital 1.8-V power supply
FCLKM
42
O
Negative frame clock output
FCLKP
41
O
Positive frame clock output
1, 3, 5, 32, 34, 36,
GND
I
Ground, 0 V
PowerPAD™
INAM
11
I
Negative differential analog input for channel A
INAP
10
I
Positive differential analog input for channel A
INBM
26
I
Negative differential analog input for channel B
INBP
27
I
Positive differential analog input for channel B
Power-down control. This pin can be configured via the SPI.
PDN
31
I
This pin has an internal 150-k
Ω pull-down resistor.
RESET
21
I
Hardware reset; active high. This pin has an internal 150-k
Ω pull-down resistor.
SCLK
13
I
Serial interface clock input. This pin has an internal 150-k
Ω pull-down resistor.
SDATA
14
I
Serial interface data input. This pin has an internal 150-k
Ω pull-down resistor.
SDOUT
16
O
Serial interface data output
Serial interface enable; active low.
SEN
15
I
This pin has an internal 150-k
Ω pull-up resistor to AVDD.
SYSREFM
23
I
Negative external SYSREF input
SYSREFP
22
I
Positive external SYSREF input
VCM
24
O
Common-mode voltage for analog inputs
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244


Số phần tương tự - ADC324X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MPS Industries, Inc.
ADC324 MPSIND-ADC324 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3241 TI1-ADC3241 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241 TI1-ADC3241 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241 TI1-ADC3241 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241IRGZ25 TI1-ADC3241IRGZ25 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
More results

Mô tả tương tự - ADC324X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
[Old version datasheet]   The ADC34J2x are a high-linearity
logo
Richtek Technology Corp...
RT9074 RICHTEK-RT9074 Datasheet
188Kb / 16P
   The RT9074 family are high voltage
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
   High linearity
July 2015 Rev 2
STPTIC-27G2 STMICROELECTRONICS-STPTIC-27G2 Datasheet
472Kb / 11P
   High linearity
July 2015 Rev 1
logo
THOR communications
F-KBAND-T THOR-F-KBAND-T Datasheet
401Kb / 1P
   The F-KBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 25 GHz
F-SBAND-T THOR-F-SBAND-T Datasheet
425Kb / 1P
   The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz
logo
ANADIGICS, Inc
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
   High Linearity SP3T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com