công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-7893 bảng dữ liệu(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

tên linh kiện MC-7893
Giải thích chi tiết về linh kiện  MC-7893_15
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Trang chủ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7893 bảng dữ liệu(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7893_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet PG10560EJ01V0DS
4
MC-7893
NOTES ON CORRECT USE
(1) The space between PC board and root of the lead should be kept more than 1 mm to prevent undesired stress
to the lead and also should be kept less than 4 mm to prevent undesired parasitic inductance.
Recommended that space is 2.0 to 3.0 mm typical.
(2) Recommended torque strength of the screw is 59 to 78 Ncm.
(3) Form the ground pattern as wide as possible to minimize ground impedance.
(to prevent undesired oscillation)
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Partial Heating
Peak temperature (pin temperature) : 350
°C or below Note
Soldering time (per pin of device)
: 3 seconds or less
Note The point of pin part heating must be kept more than 1.2 mm distance from the root of lead.


Số phần tương tự - MC-7893_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
MC-7893-AZ NEC-MC-7893-AZ Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7893-AZ CEL-MC-7893-AZ Datasheet
282Kb / 7P
   1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7893-AZ RENESAS-MC-7893-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
California Eastern Labs
MC-7893 CEL-MC-7893_06 Datasheet
282Kb / 7P
   1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
More results

Mô tả tương tự - MC-7893_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
3379 PHOENIX-3379 Datasheet
437Kb / 7P
   FL MC 2000T
logo
Littelfuse
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
   MicroCapacitance (MC) SIDACtor Device
logo
Weidmuller
1429060000 WEIDMULLER-1429060000 Datasheet
685Kb / 4P
   HDC MHP 100 MC
2748560000 WEIDMULLER-2748560000 Datasheet
262Kb / 3P
   HDC MEMC 2 MC
1428910000 WEIDMULLER-1428910000 Datasheet
732Kb / 4P
   HDC MHE 20 MC
1428950000 WEIDMULLER-1428950000 Datasheet
942Kb / 4P
   HDC MHX 4P MC
2748520000 WEIDMULLER-2748520000 Datasheet
426Kb / 3P
   HDC MGBIT 8 MC
2748480000 WEIDMULLER-2748480000 Datasheet
533Kb / 3P
   HDC MHD 17 MC
2748340000 WEIDMULLER-2748340000 Datasheet
489Kb / 3P
   HDC MHX 2 MC
2592250000 WEIDMULLER-2592250000 Datasheet
107Kb / 3P
   HDC MRJ45 8PLUG MC
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com