công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM2200RMDVTAA bảng dữ liệu(PDF) 5 Page - Tripp Lite. All Rights Reserved

tên linh kiện SM2200RMDVTAA
Giải thích chi tiết về linh kiện  SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Dual Voltage, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM2200RMDVTAA bảng dữ liệu(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SM2200RMDVTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM2200RMDVTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM2200RMDVTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM2200RMDVTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM2200RMDVTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
89 (120V), 170 (230V)
High Voltage Transfer to Battery
Power (Setpoint)
148 (120V), 286 (230V)
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Hot swappable batteries
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS; Individually controllable load banks
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A
(EMI); ROHS (Restriction of Hazardous Substances); TAA Compliant
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5


Số phần tương tự - SM2200RMDVTAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
SM2200RMXL2UPN TRIPPLITE-SM2200RMXL2UPN Datasheet
182Kb / 6P
   SmartPro 120V 2200VA 1920W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
SM2200RMXL2UTAA TRIPPLITE-SM2200RMXL2UTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Mô tả tương tự - SM2200RMDVTAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART5000TEL3U TRIPPLITE-SMART5000TEL3U_15 Datasheet
517Kb / 5P
   SmartPro 208-120V 5kVA 3.75kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 3U Rack-Tower,USB, DB9 Serial
SM2200RMXL2UTAA TRIPPLITE-SM2200RMXL2UTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RM2U TRIPPLITE-SMART2200RM2U_15 Datasheet
504Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack-Tower,LCD, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RM2UN TRIPPLITE-SMART2200RM2UN Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack/Tower, LCD, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com