công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM1000RM1UTAA bảng dữ liệu(PDF) 2 Page - Tripp Lite. All Rights Reserved

tên linh kiện SM1000RM1UTAA
Giải thích chi tiết về linh kiện  TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM1000RM1UTAA bảng dữ liệu(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SM1000RM1UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
networking devices
Supports detailed monitoring of equipment load levels, self-test data and utility power conditions via built-in RS-232 and USB interfaces
Optional SNMPWEBCARD offers communications and control via secure remote web and network interfaces
3 stage metered LEDs offer current monitoring and battery charge level
Mains power and voltage regulation LEDs offer at-a-glance power status information
Front panel switches support self-test and alarm cancel functions
Field replaceable, hot-swappable internal UPS batteries
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1000
Output kVA Capacity (kVA)
1
Output Watt Capacity (Watts)
800
Power Factor
0.8
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-21%, +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(6) 5-15R
Load Management Receptacles
Two switchable single-outlet 5-15R load banks
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
9.0A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
15A
Recommended Electrical Service
15A 120V
Input Cord Length (ft.)
10
Input Cord Length (m)
3
Input Phase
Single-Phase
BATTERY
2 / 5


Số phần tương tự - SM1000RM1UTAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Mô tả tương tự - SM1000RM1UTAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART1000RM2U TRIPPLITE-SMART1000RM2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack, USB, DB9 Serial, LCD
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART750RM1U TRIPPLITE-SMART750RM1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack-Mount, USB,DB9 Serial
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com