công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS13 bảng dữ liệu(PDF) 1 Page - SUNMATE electronic Co., LTD

tên linh kiện SS13
Giải thích chi tiết về linh kiện  1.0A Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNMATE [SUNMATE electronic Co., LTD]
Trang chủ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SS13 bảng dữ liệu(HTML) 1 Page - SUNMATE electronic Co., LTD

  SS13 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SS13 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
·
·
·
·
·
·
·
Mechanical Data
·
·
·
·
·
SS12 - SS110
1.0A Surface Mount Schottky Barrier Rectifiers
Pb / RoHS Free
Low cost
Low forward voltage drop
Low power loss
High efficiency
High reliability
High surge current capability
High current capability
·
Weight : 0.060 gram (Approximately)
Mounting position : Any
Polarity : Color band denotes cathode end
Epoxy : UL94V-O rate flame retardant
Case : SMA Molded plastic
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL SS12 SS13 SS14 SS15 SS16 SS18 SS19 SS110 UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
V
Maximum Average Forward Current
See Fig.1
IF(AV)
A
Maximum Peak Forward Surge Current,
8.3ms single half sine wave superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at I F = 1.0 A
VF
V
Maximum Reverse Current at
Ta = 25
°C
IR
mA
Rated DC Blocking Voltage
(1)
Ta = 100
°C
IR(H)
mA
Typical Thermal Resistance
(2)
RθJL
°C/W
Operating Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
Notes:
(1) Pulse Test : Pulse Width = 300
μs, Duty Cycle = 2%.
(2) Mounted on P.C. Board with 5.0 mm
2 (0.013mm thick) copper pad areas.
5.0
A
40
0.50
0.75
1.0
RATING
IFSM
- 65 to + 150
0.80
35
- 65 to + 150
10
- 65 to + 125
0.5
1of2


Số phần tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SS13 MCC-SS13 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SS13 PANJIT-SS13 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS13 DGNJDZ-SS13 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS13 TSC-SS13 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Yint Electroni...
SS13 YINT-SS13 Datasheet
415Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SUNMATE electronic Co.,...
SM120 SUNMATE-SM120 Datasheet
155Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
K12 YIXIN-K12 Datasheet
1Mb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SM5817 SUNMATE-SM5817 Datasheet
258Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
E-CMOS Corporation
ECCSR120 E-CMOS-ECCSR120 Datasheet
307Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com