công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF1010NS bảng dữ liệu(PDF) 2 Page - Kersemi Electronic Co., Ltd.

tên linh kiện IRF1010NS
Giải thích chi tiết về linh kiện  Fully Avalanche Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KERSEMI [Kersemi Electronic Co., Ltd.]
Trang chủ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1010NS bảng dữ liệu(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF1010NS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF1010NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1010NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1010NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1010NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1010NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1010NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1010NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF1010NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF1010NS/IRF1010NL
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 43A, VGS = 0V
„
trr
Reverse Recovery Time
–––
69
100
ns
TJ = 25°C, IF = 43A
Qrr
Reverse Recovery Charge
–––
220
230
nC
di/dt = 100A/µs
„ˆ
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
85
‡
290
A
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 270µH
RG = 25Ω, IAS = 43A, VGS=10V (See Figure 12)
ƒ ISD ≤ 43A, di/dt ≤ 210A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction and
represents operation outside rated limits.
Notes:
† This is a calculated value limited to TJ = 175°C .
‡ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
ˆ Uses IRF1010N data and test conditions.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.058 –––
V/°C
Reference to 25°C, ID = 1mA
ˆ
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
11
m
VGS = 10V, ID = 43A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
32
–––
–––
SVDS = 25V, ID = 43A
„
ˆ
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
120
ID = 43A
Qgs
Gate-to-Source Charge
–––
–––
19
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
41
VGS = 10V, See Fig. 6 and 13
„ˆ
td(on)
Turn-On Delay Time
–––
13
–––
VDD = 28V
tr
Rise Time
–––
76
–––
ID = 43A
td(off)
Turn-Off Delay Time
–––
39
–––
RG = 3.6Ω
tf
Fall Time
–––
48
–––
VGS = 10V, See Fig. 10
„
ˆ
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
3210 –––
VGS = 0V
Coss
Output Capacitance
–––
690
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
140
–––
pF
ƒ = 1.0MHz, See Fig. 5
ˆ
EAS
Single Pulse Avalanche Energy
‚ˆ
––– 1030
…250† mJ
IAS = 4.3A, L = 270µH
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
2014-8-30
2
www.kersemi.com


Số phần tương tự - IRF1010NS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF1010NS IRF-IRF1010NS Datasheet
146Kb / 10P
   Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
logo
Inchange Semiconductor ...
IRF1010NS ISC-IRF1010NS Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
297Kb / 11P
   HEXFET짰 Power MOSFET
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
298Kb / 11P
   Advanced Process Technology
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
298Kb / 11P
   Advanced Process Technology
More results

Mô tả tương tự - IRF1010NS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
AUIRLR024N IRF-AUIRLR024N Datasheet
328Kb / 13P
   Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
logo
Infineon Technologies A...
BSL716SN INFINEON-BSL716SN Datasheet
533Kb / 10P
   Avalanche rated
Rev 2.0 2014-09-30
BSL303SPE INFINEON-BSL303SPE Datasheet
417Kb / 10P
   Avalanche rated
Rev 2.0 2014-11-18
logo
STMicroelectronics
STPS30H60C STMICROELECTRONICS-STPS30H60C Datasheet
281Kb / 11P
   Avalanche rated
March 2007 Rev 2
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
   Avalanche Energy Rated
logo
NXP Semiconductors
BUK9Y3R0-40E NXP-BUK9Y3R0-40E Datasheet
325Kb / 13P
   Repetitive avalanche rated
12 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com