công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCPRO1400 bảng dữ liệu(PDF) 1 Page - Tripp Lite. All Rights Reserved

tên linh kiện BCPRO1400
Giải thích chi tiết về linh kiện  BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPRO1400 bảng dữ liệu(HTML) 1 Page - Tripp Lite. All Rights Reserved

  BCPRO1400_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPRO1400_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPRO1400_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPRO1400_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC Pro 120V 1400VA 940W Standby UPS, Tower,
USB port, 6 Outlets
MODEL NUMBER: BCPRO1400
Description
Tripp Lite's BCPRO1400 standby UPS offers AC surge suppression and long lasting battery support for desktop PCs, network workstations and a wide variety
of consumer and professional electronics. Uninterruptible Power Supply / UPS circuits switch to battery backup mode within milliseconds to keep connected
equipment running without interruption or data loss during power failures, brownouts and overvoltages. AC surge suppression prevents connected equipment
damage. USB communications port supports full featured monitoring and data-saving auto-shutdown options using Tripp Lite's free PowerAlert monitoring
software.
Features
BCPRO1400 tower 120V standby UPS offers AC power protection from blackouts, brownouts, overvoltages and transient surges
1400VA / 940 watt UPS output capacity
Uninterruptible Power Supply / UPS operation maintains battery-derived AC output during blackouts, brownouts and overvoltages to prevent data loss
and system downtime for connected equipment
Built-in USB port enables data-saving unattended shutdown when used with Tripp Lite's PowerAlert software, available via FREE download from
www.tripplite.com
8 minutes runtime at 100% load (940 watts), 24 minutes runtime at 50% load (470 watts)
155 minutes runtime for a desktop computer system consuming 80 watts continuous
6 built-in NEMA 5-15R UPS supported outlets
NEMA 5-15P input connection with 6ft / 1.8m line cord
Network grade AC surge and lightning protection is available from all outlets
96% line mode efficiency rating uses less energy and BTU emissions
Front panel LEDs indicate line / battery mode, low battery, replace battery status; Audible alarm with alarm cancel / self-test button
Hot swappable user battery replacement
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Tower housing supports desk or floor placement
Specifications
Highlights
1400VA / 1.4kVA tower 120V
standby UPS
Maintains AC output during
power failures
USB port, Front panel status
LEDs, 96% efficient
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
BCPRO1400 UPS System
USB Cable
Instruction manual
1 / 4


Số phần tương tự - BCPRO1400_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
More results

Mô tả tương tự - BCPRO1400_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
BCPRO1050 TRIPPLITE-BCPRO1050_15 Datasheet
489Kb / 4P
   BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
   BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
   BC Pro 600VA Tower Standby 120V UPS with USB port
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1400 TRIPPLITE-OMNISMART1400_15 Datasheet
489Kb / 5P
   OmniSmart 120V 1400VA 940W Line-Interactive UPS, Tower, USB port
BCPERS450 TRIPPLITE-BCPERS450_15 Datasheet
498Kb / 4P
   BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com