công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCPRO1050 bảng dữ liệu(PDF) 4 Page - Tripp Lite. All Rights Reserved

tên linh kiện BCPRO1050
Giải thích chi tiết về linh kiện  BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPRO1050 bảng dữ liệu(HTML) 4 Page - Tripp Lite. All Rights Reserved

  BCPRO1050_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Battery Mode BTU / Hr. (Full Load)
562.3
AC Mode Efficiency Rating (100%
Load)
97%
COMMUNICATIONS
Communications Interface
USB
PowerAlert Software
Free download from www.tripplite.com
Communications Cable
USB interface cable included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
99
High Voltage Transfer to Battery
Power (Setpoint)
143
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Hot swappable batteries
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Meets FCC Part 15 Category B (EMI); ROHS (Restriction of Hazardous Substances); Tested to CSA (Canada);
Tested to NOM (Mexico); Tested to UL1778 (USA)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$200,000 Ultimate Lifetime Insurance
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
4 / 4


Số phần tương tự - BCPRO1050_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
More results

Mô tả tương tự - BCPRO1050_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
List of Unclassifed Man...
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400_15 Datasheet
489Kb / 4P
   BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
   BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
OMNISMART1050 TRIPPLITE-OMNISMART1050_15 Datasheet
492Kb / 5P
   OmniSmart 120V 1050VA 705W Line-Interactive UPS, Tower, USB port
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450_15 Datasheet
498Kb / 4P
   BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com